Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFC1005BTTDR10 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # HFC1005BTTDR10
Description  high frequency ceramic capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

HFC1005BTTDR10 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  HFC1005BTTDR10 Datasheet HTML 1Page - KOA Speer Electronics, Inc. HFC1005BTTDR10 Datasheet HTML 2Page - KOA Speer Electronics, Inc. HFC1005BTTDR10 Datasheet HTML 3Page - KOA Speer Electronics, Inc. HFC1005BTTDR10 Datasheet HTML 4Page - KOA Speer Electronics, Inc. HFC1005BTTDR10 Datasheet HTML 5Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
258
KOA Speer Electronics, Inc. • Bolivar Drive • P.O. Box 547 • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
3/10/07
HFC
high frequency ceramic capacitor
HFC1005 Series
characteristics of dielectric materials
applications and ratings
HFC1410, 1608, 1610, 1612 Series
Material Code
ε
r
T
37.0±1.5
70.0±3.0
92.0±2.0
113.0±5.0
0±10
6±10
6±10
30±10
N
K
V
Material Code
C
21.5±2.0
37.0±1.5
70.0±3.0
113.0±5.0
0±10
0±10
6±10
30±10
T
N
V
τ
r (ppm/°C)
ε
r
τ
r (ppm/°C)
HFC1005TTTDR10
0.10
HFC1005TTTDR15
0.15
HFC1005NTTDR20
0.20
HFC1005NTTDR25
0.25
HFC1005KTTDR30
0.30
±0.015
±0.030
T
N
K
V
50
-55°C to +125°C
Part
Designation
Tolerance Code
(pF)
Material
Code
Operating
Temperature
Range
Rated
Voltage
DC (V)
Capacitance
(pF)
HFC1005KTTDR35
0.35
HFC1005VTTDR40
0.40
HFC1005VTTDR45
0.45
HFC1005VTTDR50
0.50
HFC1005VTTDR55
0.55
HFC1005VTTDR60
0.60
140.0±3.0
0±30
H
160.0±4.0
0±30
G
180.0±4.0
0±30
S
HFC1005 Series (continued)
Material Code
ε
r
B
200.0±5.0
260.0±5.0
0±30
0±60
W
τ
r (ppm/°C)
HFC1005HTTDR65
0.65
HFC1005HTTDR70
0.70
HFC1005HTTDR75
0.75
HFC1005GTTDR80
0.80
HFC1005GTTDR85
0.85
HFC1005GTTDR90
0.90
HFC1005GTTDR95
0.95
HFC1005STTD1R0
1.00
HFC1005BTTD1R1
1.10
±0.050
H
G
S
B
HFC1005WTTD1R2
1.20
HFC1005WTTD1R3
1.30
W
W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com