Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFC1005BTTDR10 Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # HFC1005BTTDR10
Description  high frequency ceramic capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

HFC1005BTTDR10 Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  HFC1005BTTDR10 Datasheet HTML 1Page - KOA Speer Electronics, Inc. HFC1005BTTDR10 Datasheet HTML 2Page - KOA Speer Electronics, Inc. HFC1005BTTDR10 Datasheet HTML 3Page - KOA Speer Electronics, Inc. HFC1005BTTDR10 Datasheet HTML 4Page - KOA Speer Electronics, Inc. HFC1005BTTDR10 Datasheet HTML 5Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
• Low dielectric loss at high frequency (high Q)
• Narrow tolerance of capacitance
• Excellent temperature characteristics
• High reliability and no polarity by single layer
ceramic substrate construction
• 0.10 - 1.3 pF available by 0.05 pF range
(HFC1005 series)
• 0.10 - 1.20 pF available by 0.05 pF range
(HFC1410, 1608, 1610, 1612 series)
• Marking: Brown body color with no marking
• Products with lead-free terminations meet
EU RoHS requirements
HFC
high frequency ceramic capacitor
1005: 1.0 x 0.5 mm
1410: 1.4 x 1.0 mm
1608: 1.6 x 0.8 mm
1610: 1.6 x 1.0 mm
1612: 1.6 x 1.2 mm
ordering information
2 significant
digits + zeros
“R” indicates
decimal point
B
C
G
H
K
N
S
T
V
W
T: Sn
TD: Paper tape
(1005 only - 10,000 pieces/reel)
TE: Embossed taping
(1410, 1610, 1612 -
3,000 pieces/reel)
(1608 - 4,000 pieces/reel)
HFC
Type
Size
Termination
Material
Nominal
Capacitance
Material
Code
Packaging
New Part #
1608
TD
T
R10
C
For further information on packaging,
please refer to Appendix A.
dimensions and construction
W
L
t
Solder
Plating
Protective
Coating
L
.039±.006
(1.0±0.15)
.02±.004
(0.5±0.1)
.02±.004
(0.5±0.1)
Wt
Dimensions inches
(mm)
1005
.055±.006
(1.4±0.15)
.039±.004
(1.0±0.1)
.039±.004
(1.0±0.1)
1410
.063±.006
(1.6±0.15)
.031±.004
(0.8±0.1)
.028±.008
(0.7±0.2)
1608
.063±.006
(1.6±0.15)
.039±.004
(1.0±0.1)
.033±.01
(0.85±0.25)
1610
.063±.006
(1.6±0.15)
.047±.004
(1.2±0.1)
.043±.008
(1.1±0.2)
1612
Size
EU
257
KOA Speer Electronics, Inc. • Bolivar Drive • P.O. Box 547 • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
2/24/08


Similar Part No. - HFC1005BTTDR10

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HFC1005BT1R1 KOA-HFC1005BT1R1 Datasheet
105Kb / 9P
High Frequency Ceramic Capacitor
More results

Similar Description - HFC1005BTTDR10

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HFC1410 KOA-HFC1410 Datasheet
105Kb / 9P
High Frequency Ceramic Capacitor
logo
Murata Manufacturing Co...
GQM1885C2AR10BB01 MURATA-GQM1885C2AR10BB01 Datasheet
578Kb / 25P
RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR50BB01 MURATA-GQM1885C2AR50BB01 Datasheet
565Kb / 25P
RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2A3R6CB01 MURATA-GQM1885C2A3R6CB01 Datasheet
565Kb / 25P
RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2A4R7WB01 MURATA-GQM1885C2A4R7WB01 Datasheet
578Kb / 25P
RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM2195C1H101GB01 MURATA-GQM2195C1H101GB01 Datasheet
564Kb / 25P
RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C1H100RB01 MURATA-GQM1885C1H100RB01 Datasheet
578Kb / 25P
RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR40BB01 MURATA-GQM1885C2AR40BB01 Datasheet
578Kb / 25P
RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR75BB01 MURATA-GQM1885C2AR75BB01 Datasheet
565Kb / 25P
RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM2195C2A3R9CB01 MURATA-GQM2195C2A3R9CB01 Datasheet
565Kb / 25P
RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com