Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF1C Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # PCF1C
Description  Fixed Ceramic Composition Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

PCF1C Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  PCF1C Datasheet HTML 1Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 2Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 3Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 4Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 5Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE 2 OF 6
SS-02 R6
Bolivar Drive ■ P.O. Box 547 ■ Bradford, PA 16701 ■ USA ■ 814-362-5536 ■ Fax 814-362-8883 ■ www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
4. Applications and Ratings
5. Characteristics
1
Nominal Resistance
Range
3.3 to 9.1 ohms
10 to 91 ohms
100 to 910 ohms
1k to 9.1k ohms
10k to 91k ohms
100k to 1M ohms
Resistance
Tolerance
± 10%
± 20%
K
M
0.3
1.0
3.0
3.0
3.0
3.0
Recommended Test
Voltages (DC Volts)
In the event of a difference in resistance readings
attributable to the test voltage used, the specified
test voltage listed below shall be used.
Resistance to the
nominal resistance
should be in each
resistance tolerance
shown below.
Resistance
(Method 303)
Characteristics
Test Method
No.
Requirement
(MIL-STD 202)
Absolute
Maximum
Overload
Voltage
Resistance
Tolerance
Absolute
Maximum
Working
Voltage
Part
Designation
Absolute
Maximum
Pulse
Voltage*
Power
Rating
@ 70°C
Minimum
Dielectric
Withstanding
Voltage
Resistance
Range
E-12
PCF1/2
PCF1
PCF2
0.5W
1.0W
2.0W
500V
700V
4.7Ω - 100KΩ
3.3Ω - 390KΩ
200V
300V
400V
K: ±10%
M: ±20%
400V
10kV
600V
14kV
800V
20kV
Operating
Temperature
Range
-40°C
to
+200°C
* Resistance to pulse: change shall be ±5% of the pre-test values. 1 sec. ON, 1 second OFF, 20,000 cycles.
The voltage is applied with maximum pulse voltage.
2
Resistors shall be maintained within ± 1°C at the
ambient temperatures listed below. The use of
forced circulating air is recommended to assure
temperature stability and uniformity. Resistance
measurements shall be made at each temperature
15 minutes after air temperature has stabilized at
the specified temperature.
The percent difference in resistance referred
to the resistance at +25°C shall be computed with
the following formula:
Percent Resistance = (R-r) x 100
Where: R is the resistance at test temperature
r is the resistance at +25°C
Difference
r
-1300 ± 300ppm/°C
Temperature
Coefficient
(Method 304)
Sequence
1
2
3
4
5
+25°C
-40°C
+25°C
+75°C
+125°C
Ambient Temperature
SS-02 R6
6/20/07
3:37 PM
Page 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com