Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF1C Datasheet(PDF) 6 Page - KOA Speer Electronics, Inc.

Part # PCF1C
Description  Fixed Ceramic Composition Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

PCF1C Datasheet(HTML) 6 Page - KOA Speer Electronics, Inc.

  PCF1C Datasheet HTML 1Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 2Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 3Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 4Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 5Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SS-02 R6
PAGE 6 OF 6
Bolivar Drive ■ P.O. Box 547 ■ Bradford, PA 16701 ■ USA ■ 814-362-5536 ■ Fax 814-362-8883 ■ www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
5. Characteristics (Continued)
16
Moisture Life
(Method 103)
Resistance change shall
be ± 5% of the Pre-test
value.
Initial resistance shall be measured. Resistors
shall be placed in a chamber at relative humidity
of 90 - 95% at ambient temperature of 40 ± 2°C.
Then DC RCWV shall be applied intermittently
1-1/2 hr. (on), 1/2 hr. (off) for a total of 1,000 hrs.
After removal from the chamber, the resistors shall
be allowed to dry at room ambient for approxi-
mately 1 hr. Final resistance shall be measured.
17
Operating Life
(Method 108)
Resistance change shall
be ± 5% of the Pre-test
value.
Initial resistance shall be measured. Resistors
shall be placed at ambient temperature of 70 ±
3°C. Then DC RCWV shall be applied intermittent-
ly 1-1/2 hr. (on), 1/2 hr. (off) for a total of 1,000 hrs.
After return to room temperature, final resistance
shall be measured.
5.1 Derating Curve
Under ambient temperature in excess of 70°C, the
load shall be derated as shown in the figure below.
5.2 Rated Voltage
Resistors shall have a rated direct current (DC)
continuous working voltage or an approximate sine
wave rootmean square (rms) alternation-current
(AC) continuous working voltage at commercial line
frequency and wave form corresponding to the power
rating, as determined from the following formula:
In no case shall the rated DC or rms AC continuous
working voltage be greater than the applicable
maximum value.
Where,
E =
√ P x R
E = Rated DC or rms AC
continuous working voltage (V)
P = Power rating (W)
R = Nominal resistance (OHM)
100
80
60
40
20
-60 -40 -20
0
40 60 80 100
180
20
Ambient Temperature
(
°C)
0
120 140 160
200
70
6. Marking
The resistors shall be marked with color codes as per EIA-172.
SS-02 R6
6/20/07
3:37 PM
Page 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com