Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHL1JCTTDR10 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # MHL1JCTTDR10
Description  Multilayer Ceramic Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MHL1JCTTDR10 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  MHL1JCTTDR10 Datasheet HTML 1Page - KOA Speer Electronics, Inc. MHL1JCTTDR10 Datasheet HTML 2Page - KOA Speer Electronics, Inc. MHL1JCTTDR10 Datasheet HTML 3Page - KOA Speer Electronics, Inc. MHL1JCTTDR10 Datasheet HTML 4Page - KOA Speer Electronics, Inc. MHL1JCTTDR10 Datasheet HTML 5Page - KOA Speer Electronics, Inc. MHL1JCTTDR10 Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Bolivar Drive ■ P.O. Box 547 ■ Bradford, PA 16701 ■ USA ■ 814-362-5536 ■ Fax 814-362-8883 ■ www.koaspeer.com
Spec i fi c ati on s gi ven her ei n m ay be c hang ed at an y ti m e w i tho ut pr i or not i ce. Pl ea se co nfi r m t echn ic al spec i fi c ati ons b efor e yo u or de r and/ or us e.
PAGE 2 OF 6
SS-222 R12
4. Standard Applications
Part
Designation
Inductance
L (nH)
Inductance
Tolerance
DC
Resistance
Maximum
()
Allowable
DC Current
Maximum
(mA)
Self Resonant
Frequency
Typical
(MHz)
1.0
1.2
S: ±0.3nH
S: ±0.3nH
J: ±5%
J: ±5%
8
10
8
10
14
15
18
19
16
––
46
36
10000
6000
4000
3900
3500
3200
2600
2300
2000
1600
1400
1200
1100
900
750
600
6000
4000
5800
3200
2600
2300
2000
1600
1400
0.12
0.13
300
200
150
0.14
0.16
0.17
0.19
0.22
0.24
0.27
0.32
0.37
0.42
0.50
0.55
0.65
0.8
0.9
1.0
1.2
1.3
1.4
1.6
34
32
31
30
28
26
24
23
21
11
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
27
Operating
Temperature
Range
MHL1ECTTP1N0*
MHL1ECTTP1N2*
MHL1ECTTP1N5*
MHL1ECTTP1N8*
MHL1ECTTP2N2*
MHL1ECTTP2N7*
MHL1ECTTP3N3*
MHL1ECTTP3N9*
MHL1ECTTP4N7*
MHL1ECTTP5N6*
MHL1ECTTP6N8*
MHL1ECTTP8N2*
MHL1ECTTP10N*
MHL1ECTTP12N*
MHL1ECTTP15N*
MHL1ECTTP18N*
MHL1ECTTP22N*
MHL1ECTTP27N*
MHL1ECTTP33N*
MHL1ECTTP39N*
MHL1ECTTP47N*
MHL1ECTTP56N*
MHL1ECTTP68N*
MHL1ECTTP82N*
MHL1ECTTPR10*
MHL1JCTTD1N5*
MHL1JCTTD1N8*
MHL1JCTTD2N2*
MHL1JCTTD2N7*
MHL1JCTTD3N3*
MHL1JCTTD3N9*
MHL1JCTTD4N7*
MHL1JCTTD5N6*
MHL1JCTTD6N8*
MHL1JCTTD8N2*
MHL1JCTTD10N*
MHL1JCTTD12N*
MHL1JCTTD15N*
MHL1JCTTD18N*
MHL1JCTTD22N*
MHL1JCTTD27N*
MHL1JTTTD27N*
-55°C
to
+125°C
-55°C
to
+125°C
Minimum
(100MHz)
Typical
(800MHz)
Typical
(100MHz)
Q
0.10
0.13
0.15
0.20
0.23
0.20
0.28
0.30
0.35
0.40
0.45
0.50
0.55
*Add tolerance character (S, J)
15
1200
33
MHL1JCTTD33N*
0.60
37
500
600
100
180
100
––
120
MHL1ECTTPR12*
NEW
12
SS-222 R12
12/6/06
10:36 AM
Page 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com