Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHL1JCTTDR10 Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # MHL1JCTTDR10
Description  Multilayer Ceramic Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MHL1JCTTDR10 Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  MHL1JCTTDR10 Datasheet HTML 1Page - KOA Speer Electronics, Inc. MHL1JCTTDR10 Datasheet HTML 2Page - KOA Speer Electronics, Inc. MHL1JCTTDR10 Datasheet HTML 3Page - KOA Speer Electronics, Inc. MHL1JCTTDR10 Datasheet HTML 4Page - KOA Speer Electronics, Inc. MHL1JCTTDR10 Datasheet HTML 5Page - KOA Speer Electronics, Inc. MHL1JCTTDR10 Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Item
Requirement
Conditions
Operating Temperature
-55°C to +125°C
Storage Temperature
40°C @ 70% Humidity
Sealed plastic bags with desiccant shall be
used to reduce the potential of oxidation on
the terminations during storage.
Resistance to Solder
Change in Impedance: Relative to value before
Flux: 5-10 sec dip
Heat
test ±20%.
After Flux: Air dry for 15 sec
Appearance: There shall be no cracking
Preheat: 150°C ±10°C
Solder Coverage: More than 75% of the terminal
Preheat Time: 60 sec
electrode shall be covered with solder.
Solder Temp: 260°C ±5°C
Dip Time: 10 ±1 sec
Solderability
Solder Coverage: More than 95% of the
Flux: 5-10 sec dip
termination shall be covered with solder.
After Flux: Air dry for 15 sec
Solder Temp: 245°C ±5°C
Dip Time: 5 ±0.5 sec
Leach Resistance
Appearance: There shall be no visible signs of
The bead shall be subjected to the following
physical or mechanical damage (i.e. no cracks)
5 steps for the period of time shown below.
Terminations: Termination must not be leached
The 5 steps constitute one (1) rotation.
away for more than 5%.
4 rotations shall be carried out.
1) Flux: 5-10 sec
2) After Flux: Air dry for 15 sec
3) Solder Temp: 230°C ±5°C
4) Dip Time: 5 ±0.5 sec
5) Cool: Air cool for 60 seconds
Insulation Resistance
Insulation Resistance: Min 1G ohms
Solvent Resistance
Change in Impedance: Relative to value before
Cleaning by: Washer: Ultrasonic washer (100W)
test ±10%.
Solvent: Isopropyl alcohol
Time: 3 minutes
Terminal Strength
Appearance: The terminal electrode shall not
Type
W(kgf)
Time
(hanging test)
break off, nor shall there be damage to the body.
1E
––
N/A
1J
0.5
30 sec ±2 sec
Terminal Strength
Appearance: There shall be no evidence of
Type
W(kgf)
Time
(push test)
mechanical degradations to terminals or body.
1E
––
N/A
1J
1.4
60 sec
Bending Strength
Appearance: There shall be no physical or
Board: 90x40x1.6mm
mechanical damage
Bend: 1mm
Impedance: Relative to initial value before test ±10%
Time: 5 sec
5. Characteristics
SS-222 R12
Bolivar Drive ■ P.O. Box 547 ■ Bradford, PA 16701 ■ USA ■ 814-362-5536 ■ Fax 814-362-8883 ■ www.koaspeer.com
Spec i fi c ati on s gi ven her ei n m ay be c hang ed at an y ti m e w i tho ut pr i or not i ce. Pl ea se co nfi r m t echn ic al spec i fi c ati ons b efor e yo u or de r and/ or us e.
PAGE 4 OF 6
SS-222 R12
12/6/06
10:36 AM
Page 4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com