Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB8653FN Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LB8653FN
Description  DSC Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8653FN Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LB8653FN Datasheet HTML 6Page - Sanyo Semicon Device LB8653FN Datasheet HTML 7Page - Sanyo Semicon Device LB8653FN Datasheet HTML 8Page - Sanyo Semicon Device LB8653FN Datasheet HTML 9Page - Sanyo Semicon Device LB8653FN Datasheet HTML 10Page - Sanyo Semicon Device LB8653FN Datasheet HTML 11Page - Sanyo Semicon Device LB8653FN Datasheet HTML 12Page - Sanyo Semicon Device LB8653FN Datasheet HTML 13Page - Sanyo Semicon Device LB8653FN Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LB8653T, LB8653FN
No.7982-11/14
Application Design Notes
(1) Constant-voltage setting for OUT1 to OUT6
“H” output voltage for OUT1 and OUT2 can be set by the VC1 pin input voltage.
The setting formula is as follows:
(OUT1/2 output voltage) = (VC1 input voltage)
×5.27
Correspondingly, OUT3 and OUT4 can be set by VC2, and OUT5 and OUT6 can be set by VC3.
The setting formula is as follows:
(OUT3/4 output voltage) = (VC2 input voltage)
×5.27
(OUT5/6 output voltage) = (VC3 input voltage)
×5.27
In addition, if the right side setting of the above formula exceeds the supply voltage (VB),
the output voltage is saturated.
(2) Output pin oscillation prevention capacitor for OUT1 to OUT6 constant-voltage control.
For constant-voltage control of OUT1 to OUT6, a capacitor must be placed between OUT pins in order to prevent
oscillation.
Test capacitor values between 0.01
µF to 0.1µF and choose a value that does not cause output oscillation problems.
However, for the saturated drive, no oscillation prevention capacitor is necessary.
(3) Constant-current setting between OUT7 and OUT8
Constant-current setting between OUT7 and OUT8 depends on the IC pin input voltage and IM pin connection
resistance (current detection resistor).
As shown in the block diagram, the output current is controlled so that the IC pin input voltage can be equal to the
voltage generated on the current detection resistor which is connected between IM and GND.
The formula for output current is as follows:
(Output current) = (IC input pin voltage)
÷ (current detection resistance)
In addition, since the constant-current control block is connected to PGND inside the IC, when the voltage is
supplied to the IC pin with partial resistance, GND side of the resistor must be connected to PGND.
(4) Fast charge/discharge circuit for the FC pin
In order to support high speed shutter control (sequential shutter), a built-in fast charge/fast discharge circuit is
implemented in the shutter control block (OUT7, OUT8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com