Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB8653FN Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LB8653FN
Description  DSC Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8653FN Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LB8653FN Datasheet HTML 6Page - Sanyo Semicon Device LB8653FN Datasheet HTML 7Page - Sanyo Semicon Device LB8653FN Datasheet HTML 8Page - Sanyo Semicon Device LB8653FN Datasheet HTML 9Page - Sanyo Semicon Device LB8653FN Datasheet HTML 10Page - Sanyo Semicon Device LB8653FN Datasheet HTML 11Page - Sanyo Semicon Device LB8653FN Datasheet HTML 12Page - Sanyo Semicon Device LB8653FN Datasheet HTML 13Page - Sanyo Semicon Device LB8653FN Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
LB8653T, LB8653FN
No.7982-13/14
(7) Shutter drive “Regeneration” mode
The “Regeneration” (MD1/MD2/MD3/IN1/IN2 = L/L/L/H/H) in shutter mode is used to slow the coil current
decay. This mode makes coil current regenerative (Slow-Decay) within the output H-bridge by switching from
“Close” (MD1/MD2/MD3/IN1/IN2 = L/L/L/L/H). (Refer to the following figure.)
(1) “Close” (MD1/2/3/IN1/2 = L/L/L/L/H)
(2) “Regeneration” (MD1/2/3/IN1/2 = L/L/L/H/H)
When shutter control is switched from “Stand-by” to “Close” (“Open”), the current rises to the target constant-
current value from the state of output current 0 (zero). However, the output of the constant-current control
amplifier inside the IC is in the full drive state during the above-mentioned “Regeneration” state. Therefore, when
it is switched from “Regeneration” to “Close” (“Open”), the current falls to the target constant-current value from
the state of full drive output.
For that reason, to switch the shutter drive to “Close” (“Open”) from “Regeneration” by constant-current control,
it must be switched to “Stand-by” once before switching to “Close” (“Open”).
The example of drive sequence is shown in the figure below.
(8) GND wiring and each power supply line capacitor
Connect PGND and SGND near the IC and set a capacitor to the part nearest the power supply pin for each power
supply.
OUT8
OUT7
OUT8
OUT7
ILB01670
IN2
IN1
Stand-by
Close
Open
Open
Regeneration
Stand-by
ILB01671



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com