Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM7513 Datasheet(PDF) 11 Page - SamHop Microelectronics Corp.

Part # SM7513
Description  3W STEREO AUDIO POWER AMPLIFIER WITH UP / DOWN GAIN CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7513 Datasheet(HTML) 11 Page - SamHop Microelectronics Corp.

Back Button SM7513 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 11Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 12Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 13Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SAMHOP Microelectronics Corp.
PACKAGE OUTLINE
SM7513S 16PIN SOP
Unit : mm
D
16
9
8
1
1.271 typ.
0.406 typ.
0.10max
0.203typ.
SYMBOLS
MIN.
NOM.
A
A1
D
E
H
L
θ°
PAD DICE
95 x 18E
1.35
1.75
0.05
0.15
3.81
4.0
5.80
6.20
0.41
0°
8°
E1
2.19 REF
4.12 REF
NOTES:
1. JEDEC OUTLINE:N/A
2. DIMENSIONS “ D"DOES NOT INCLUDE MOLD FLASH,
PROTRUSIONS OR GATE BURRS.MOLD FLASH
PROTRUSIONS AND GATE BURRS SHALL NOT EXCEED
0.15mm PER SIDE.
3. DIMENSION “E"DOES NOT INCLUDE INTER-LEAD FLASH,
OR PROTRUSIONS. INTER-LEAD FLASH AND PROTRUSIONS
SHALL NOT EXCEED 0.25mm PER SIDE.
9.81
10.02
1.27
D1
THERMALLY ENHANCED DIMENSIONS
3W STEREO AUDIO POWER AMPLIFIER WITH UP / DOWN GAIN CONTROL
Page 10
D1
8
1
9
16
V.1.0 Apr 30,2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com