Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM7513 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # SM7513
Description  3W STEREO AUDIO POWER AMPLIFIER WITH UP / DOWN GAIN CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7513 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  SM7513 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PIN ASSIGNMENTS
PIN DESCRIPTIONS
Pin Name
ROUTN
RPVDD
RLINEIN
VDD
LLINEIN
LPVDD
LOUTN
LPGND
LOUTP
SHUTDOWN
BYPASS
DOWN
I / O
O
-
I
-
I
-
O
-
O
I
I
I
Function
UP
SE/BTL
ROUTP
RPGND
I
I
O
-
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Right channel negative audio output
Supply voltage terminal for power stage
Right channel line input
Supply voltage terminal
Left channel line input
Supply voltage terminal for power stage
Left channel negative audio output
Power ground
Power ground
Left chanel positive audio output
Places the amplifier in shutdown mode if a TTL logic low is placed
on this terminal
Tap to voltage divider for internal midsupply bias generator used for
analog reference
Terminal for volume down control, high active
Terminal for volume up control, high active
Right channel positive audio output
Output MUX control. When this terminal is high,SE outputs are selected.
When this terminal is low, BTL outputs are selected
RPGND
ROUTP
SE/BTL
UP
DOWN
BYPASS
SHUTDOWN
LOUTP
ROUTN
RPVDD
RLINEIN
VDD
LLINEIN
LPVDD
LOUTN
LPGND
SM7513 16PIN
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
Thermal
Pad
SAMHOP Microelectronics Corp.
3W STEREO AUDIO POWER AMPLIFIER WITH UP / DOWN GAIN CONTROL
Page 2
V.1.0 Apr 30,2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com