Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM4635 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STM4635
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4635 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STM4635 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4635 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4635 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4635 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4635 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4635 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4635 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STM4635
www.samhop.com.tw
Aug,15,2008
3
Figure 1. Output Characteristics
-VDS, Drain-to-Source Voltage (V)
30
24
18
12
6
0
0
0.5
1
1.5
2
2.5
3
VG S = -4.5V
VG S = -10V
VG S = -2.5V
VG S = -3V
Figure 2. Transfer Characteristics
-V G S , G ate-to-S ource Voltage (V )
15
12
9
6
0
0
0.6
1.2
1.8
2.4
3.0
3.6
3
Tj=125 C
25 C
-ID, Drain Current (A)
60
50
40
30
20
10
0
Figure 3. On-Resistance vs. Drain Current
and Gate Voltage
6
12
18
24
30
1
VG S = -4.5V
VG S = -10V
Figure 4. On-Resistance Variation with
Drain Current and Temperature
25
125
Tj( C)
100
50
75
Tj, Junction Temperature ( C)
150
V G S =-4.5V
ID=-5.7A
V G S =-10V
ID=-7A
0
0.8
1.8
1.6
1.4
1.2
1.0
Tj, Junction Temperature ( C)
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
-50
-25
0
25
50
75
100 125 150
V DS =V GS
ID=-250uA
Figure 5. Gate Threshold Variation
with Temperature
Figure 6. Breakdown Voltage Variation
with Temperature
Tj, Junction Temperature ( C)
-50
-25
0
25
50
75
100 125 150
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=-250uA
Ver 1.0
VG S = -3.5V
VG S = -4V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com