Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM4635 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STM4635
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4635 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STM4635 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4635 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4635 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4635 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4635 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4635 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4635 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STM4635
www.samhop.com.tw
Aug,15,2008
4
-VGS, Gate-Source Voltage (V)
90
75
60
45
30
15
0
Figure 7. On-Resistance vs.
Gate-Source Voltage
2
4
6
8
10
0
ID=-7A
125 C
25 C
75 C
Figure 8. Body Diode Forward Voltage
Variation with Source Current
-VSD, Body Diode Forward Voltage (V)
20.0
10.0
1.0
0
0.24
0.48
0.72
0.96
1.2
5.0
15.0
Figure 9. Capacitance
-VDS, Drain-to Source Voltage (V)
1500
1250
1000
750
500
250
0
C is s
C os s
C rs s
0
5
10
15
20
25
30
Qg, Total Gate Charge (nC)
10
8
6
4
2
0
0
3
6
9
12
15
18
21 24
V DS =-20V
ID=-7 A
Figure 11.switching characteristics
Rg, Gate Resistance (
)
Figure 12. Maximum Safe
Operating Area
-VDS, Drain-Source Voltage (V)
Figure 10. Gate Charge
100
10
1
0.1
0.1
1
10
40
100
Ver 1.0
Ω
25 C
125 C
75 C
100
10
1
1
6 10
60 100
60
600
300
1000
VDS=-20V,ID=-1A
VGS=-10V
T D(on)
T r
T D(off)
T f
V GS =-10V
S ingle P uls e
T A=25 C
10m
s
DC
100
ms
1m
s
1s
R
DS
(O
N)
Lim
it
100
ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com