Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM4886 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STM4886
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4886 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STM4886 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4886 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4886 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4886 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4886 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4886 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4886 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
30
V
1
IGSS
±100
nA
VGS(th)
1
V
3.8
gFS
20
S
VSD
CISS
2500
pF
COSS
640
pF
CRSS
440
pF
Qg
52
nC
85
nC
Qgs
82
nC
Qgd
65
tD(ON)
58
ns
tr
5.4
ns
tD(OFF)
17
ns
tf
ns
Gate-Drain Charge
VDS=15V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=15V
ID=17A
VGS=10V
RGEN=6 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
VDS=15V,ID=17A,VGS=10V
Fall Time
Turn-On Delay Time
m ohm
VGS=10V , ID=17A
VDS=15V , ID=17A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=250uA
VDS=24V , VGS=0V
VGS= ±20V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
3
VGS=4.5V , ID=13.5A
5
5.8
8
m ohm
c
f=1.0MHz
c
VDS=15V,ID=17A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS
c
VGS=0V,IS=17A
0.73
1.2
V
Notes
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
d.Starting TJ=25°C,L=1.25mH,RG=25
Ω,IAS=17A,VDD = 30V.(See Figure13)
_
_
STM4886
Ver 1.0
www.samhop.com.tw
Mar,24,2008
2
nC
VDS=15V,ID=17A,VGS=4.5V
28
_
1.7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com