Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM4886 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STM4886
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4886 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STM4886 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4886 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4886 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4886 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4886 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4886 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4886 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STM4886
Ver 1.0
www.samhop.com.tw
Mar,24,2008
3
2.0
1.8
1.6
1.4
1.2
1.0
0
0
100
T j ( °
C )
75
25
50
V G S =4.5V
ID=13.5A
125
150
V G S =10V
ID= 17 A
7
6
5
4
3
2
1
1
VGS =10V
5
10
15
20
25
VG S = 4.5V
20
16
12
8
4
0
0
0.7
4.2
3.5
2.8
2.1
1.4
125 C
-55 C
25 C
25
20
15
10
5
0
0
V G S = 10V
V G S =3 V
V G S = 4.5V
0.5
1.0
1.5
2.0
2.5
3.0
0.5
1.2
1.1
1.0
0.9
0.8
0.7
0.6
125 150
V DS =V GS
ID=250uA
100
75
50
25
0
-25
-50
1.15
1.10
1.05
1.00
0.95
0.90
ID=250uA
0.85
125 150
100
75
50
25
0
-25
-50
VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
ID, Drain Current(A)
Tj, Junction Temperature(° C )
Figure 3. On-Resistance vs. Drain Current
and Gate Voltage
Figure 4. On-Resistance Variation with Drain
Current and Temperature
Tj, Junction Temperature(° C )
Figure 5. Gate Threshold Variation
with Temperature
Tj, Junction Temperature(° C )
Figure 6. Breakdown Voltage Variation
with Temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com