Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS3621 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STS3621
Description  Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS3621 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STS3621 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS3621 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS3621 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS3621 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS3621 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS3621 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS3621 Datasheet HTML 7Page - SamHop Microelectronics Corp. STS3621 Datasheet HTML 8Page - SamHop Microelectronics Corp. STS3621 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Dual E nhancement Mode Field E ffect Transistor ( N and P C hannel)
Oct
. 24 2006
ABS OLUTE MAXIMUM R ATING S (TA=25 C unless otherwise noted)
1
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m Ω ) Max
30V
3A
50 @ V G S = 10V
65 @ V G S = 4.5V
(N-C hannel)
P R ODUC T S UMMAR Y
V DS S
ID
-30V
-2A
90 @ V G S = -10V
135 @ V G S = -4.5V
(P -C hannel)
S amHop Microelectronics C orp.
R DS (ON) ( m Ω ) Max
S T S 3621
P arameter
S ymbol
N-C hannel P -C hannel
Unit
Drain-S ource Voltage
VDS
V
G ate-S ource Voltage
VGS
V
Drain C urrent-C ontinuous @ Ta
-P ulsed
ID
1.25
A
A
A
W
IDM
Drain-S ource Diode Forward C urrent
IS
Maximum P ower Dissipation
P D
Operating J unction and S torage
Temperature R ange
TJ, TS TG
-55 to 150
C
THE R MAL C HAR AC TE R IS TIC S
Thermal R esistance, J unction-to-Ambient
100
/W
C
a
a
a
a
b
30
1.25
-30
-2
-1.25
20
20
-8
R JA
3
12
25 C
70 C
Ta= 25 C
Ta=70 C
A
S 1
G 1
D1
S OT 26
Top View
G 1
S 2
G 2
D1
S 1
D2
1
2
3
6
5
4
S 2
D2
G 2
N-ch
P -ch
2.7
1.8
0.8


Similar Part No. - STS3621

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS3621 VBSEMI-STS3621 Datasheet
603Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
More results

Similar Description - STS3621

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM4953 SAMHOP-SDM4953 Datasheet
358Kb / 5P
Dual P -Channel E nhancement Mode F ield E ffect Transistor
SDU9435 SAMHOP-SDU9435 Datasheet
396Kb / 5P
P - Channel E nhancement Mode F ield E ffect Transistor
STM9435 SAMHOP-STM9435 Datasheet
655Kb / 7P
P -Channel E nhancement Mode F ield E ffect Transistor
STM4973 SAMHOP-STM4973 Datasheet
890Kb / 7P
Dual P -Channel E nhancement Mode F ield E ffect Transistor
STM4431 SAMHOP-STM4431 Datasheet
887Kb / 7P
P -Channel E nhancement Mode F ield E ffect Transistor
STS4501 SAMHOP-STS4501 Datasheet
116Kb / 7P
P -Channel E nhancement Mode F ield E ffect Transistor
STU309D SAMHOP-STU309D Datasheet
177Kb / 11P
Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
STU312D SAMHOP-STU312D Datasheet
177Kb / 11P
Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
STU407DH SAMHOP-STU407DH Datasheet
180Kb / 11P
Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
STU309DH SAMHOP-STU309DH Datasheet
201Kb / 11P
Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com