Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS3621 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STS3621
Description  Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS3621 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STS3621 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS3621 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS3621 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS3621 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS3621 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS3621 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS3621 Datasheet HTML 7Page - SamHop Microelectronics Corp. STS3621 Datasheet HTML 8Page - SamHop Microelectronics Corp. STS3621 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
E LE C TR IC AL C HAR AC TE R IS TIC S (TA=25 C unless otherwise noted)
Notes
c.Guaranteed by design, not subject to production testing.
b.Pulse Test:Pulse Width 300us, Duty Cycle 2%.
F igure 2. Trans fer C haracteris tics
ID, Drain C urrent (A)
V G S , G ate-to-S ource Voltage (V )
4
S T S 3621
90
75
60
45
30
15
1
20
16
12
8
0
0
0.9
1.8
2.7
3.6
4.5
5.4
F igure 1. Output C haracteris tics
V DS , Drain-to-S ource Voltage (V )
20
16
12
8
4
0
0
0.5
1
1.5
2
2.5
3
V GS =5V
V GS =3V
V GS =10V
V GS =4.5V
F igure 3. On-R es is tance vs . Drain C urrent
and G ate V oltage
4
8
12
16
20
1
V GS =10V
V GS =4.5V
4
T j=125 C
-55 C
V GS =4V
a.S urface Mounted on FR 4 Board, t <=10sec.
Parameter
Symbol
Condition
Min Typ Max Unit
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage
VSD
VGS = 0V, Is =1.25A
N-Ch
0.81
1. 2
-0.8
-1.2
VGS = 0V, Is =-1.25A
P-Ch
V
b
C
V GS =3.5V
N-Channel
25 C
F igure 4. On-R es is tance Variation with
Drain C urrent and Temperature
1.5
1.4
1.3
1.2
1.1
1.0
0.9
-25
0
25
50
150
T j( C )
125
75
100
V G S =10V
ID=3A
T j, J unction T emperature ( C )
V G S =4.5V
ID=2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com