Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3T080B Datasheet(PDF) 2 Page - MDE Semiconductor, Inc.

Part # 3T080B
Description  SURFACE MOUNT AND AXIAL LEAD TWO TERMINAL THYRISTOR (3T) SURGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

3T080B Datasheet(HTML) 2 Page - MDE Semiconductor, Inc.

  3T080B Datasheet HTML 1Page - MDE Semiconductor, Inc. 3T080B Datasheet HTML 2Page - MDE Semiconductor, Inc. 3T080B Datasheet HTML 3Page - MDE Semiconductor, Inc. 3T080B Datasheet HTML 4Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
Electrical Characteristics @ 25 ºC Ambient Temperature
PART
NUMBER
MARKING
CODE FOR
SMD
PACKAGE
REPETITIVE
PEAK OFF-
STAGE
VOLTAGE
VDRM
VOLTS
SWITCHING
VOLTAGE @
100V/ µs
Vs
VOLTS
MINIMUM
HOLDING
CURRENT
dl/dt = 1A/ms
IH
mA
SWITCHING
CURRENT
IS
mA
SURGE
RATING
IPP
10x1000
µs
Amps
ON-STAGE
CURRENT
IT
A
TYPICAL
CAPACITANCE
@ 2V, 1MHZ
C
pF
3T064A
GC
58.00
77
150
800.0
50.0
160
3T072A
GD
65.00
88
150
800.0
50.0
1
60
3T080A
GE
75.00
98
150
800.0
50.0
1
60
3T110A
GF
90.00
130
150
800.0
50.0
1
60
3T130A
GG
120.00
160
150
800.0
50.0
1
40
3T150A
GH
140.00
180
150
800.0
50.0
1
40
3T180A
GI
160.00
220
150
800.0
50.0
1
40
3T230A
GJ
190.00
260
150
800.0
50.0
1
30
3T260A
GK
220.00
300
150
800.0
50.0
1
30
3T310A
GL
275.00
350
150
800.0
50.0
1
30
3T350A
GM
300.00
400
150
800.0
50.0
1
30
3T064B
GP
58.00
77
150
800.0
100.0
1
60
3T072B
GQ
65.00
88
150
800.0
100.0
1
60
3T080B
GR
75.00
98
150
800.0
100.0
1
60
3T110B
GS
90.00
130
150
800.0
100.0
1
60
3T130B
GT
120.00
160
150
800.0
100.0
1
40
3T150B
GU
140.00
180
150
800.0
100.0
1
40
3T180B
GV
160.00
220
150
800.0
100.0
1
40
3T230B
GW
190.00
260
150
800.0
100.0
1
30
3T260B
GX
220.00
300
150
800.0
100.0
1
30
3T310B
GY
275.00
350
150
800.0
100.0
1
30
3T350B
GZ
300.00
400
150
800.0
100.0
1
30
8/6/2002



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com