Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3T080B Datasheet(PDF) 1 Page - MDE Semiconductor, Inc.

Part # 3T080B
Description  SURFACE MOUNT AND AXIAL LEAD TWO TERMINAL THYRISTOR (3T) SURGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

3T080B Datasheet(HTML) 1 Page - MDE Semiconductor, Inc.

  3T080B Datasheet HTML 1Page - MDE Semiconductor, Inc. 3T080B Datasheet HTML 2Page - MDE Semiconductor, Inc. 3T080B Datasheet HTML 3Page - MDE Semiconductor, Inc. 3T080B Datasheet HTML 4Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA, U.S.A. 92253 Tel: 760-564-8656 • Fax: 760-564-2414
TWO TERMINAL THYRISTOR SERIES
SURFACE MOUNT AND AXIAL LEAD
TWO TERMINAL THYRISTOR (3T) SURGE SUPPRESSOR
FEATURES
DEVICE SYMBOL
• UL94V-O Fammability Classification
• ESD Prootection >40 kilovolts
• Low Capacitance for T1/E1 Trunk
and Line card applications
• High Surgae Current Capability
(See Electrical Characteristics)
• Peak Off-State Voltage from 58 to 300 volts
• Meet IEC100-4-4 & 5 Industry Requirement
• Provides Protection in Accorfance with FCC
Part 68, UL1459, Bellcore 189, ITU-TK, 20 & k. 21
MECHANICAL DATA
MECHANICAL DATA
Case: JEDEC DO-15 Molded plastic
Case: JEDEC DO214AA. Molded plastic over glass
over glass passivated junction
passivated junction
Terminals: Solder plated axial leads,
Terminals: Solder plated, solderable per
solderable per MIL-STD-750, Method 2026
MIL-STD-750, Method 2026
Polarity: Color band denoted
Polarity: Color band denoted positive end (cathode)
positive end (cathode) except Bipolar
except Bidirectional
Mounting Position: Any
Standard Packaging: 12mm tape (EIA STD RS-481)
Weight: 0.015 ounces, 0.4 grams
Weight: 0.003 ounces, 0.093 grams)
8/6/2002


Similar Part No. - 3T080B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3T080B ETC1-3T080B Datasheet
1Mb / 4P
TWO TERMINAL THYRISTOR SERIES
More results

Similar Description - 3T080B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TSP058B PANJIT-TSP058B Datasheet
117Kb / 7P
AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
logo
List of Unclassifed Man...
PP1101SB ETC1-PP1101SB Datasheet
353Kb / 4P
UNIDIRECTIONAL THYRISTOR SURGE SUPPRESSOR
logo
Protek Devices
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_07 Datasheet
81Kb / 6P
THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_12 Datasheet
808Kb / 9P
THYRISTOR SURGE SUPPRESSOR
logo
First Components Intern...
TSP110AL FCI-TSP110AL Datasheet
110Kb / 3P
THYRISTOR SURGE PROTECTOR AXIAL LEAD TYPE
logo
Shindengen Electric Mfg...
KU10NU11 SHINDENGEN-KU10NU11 Datasheet
143Kb / 4P
THYRISTOR Surge suppressor
logo
Protek Devices
PP_SM PROTEC-PP_SM_15 Datasheet
534Kb / 10P
THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KP20NU11 SHINDENGEN-KP20NU11 Datasheet
201Kb / 4P
Thyristor Surge Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com