Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR73D1JTTDR10F Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # UR73D1JTTDR10F
Description  Current Sensing Chip Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

UR73D1JTTDR10F Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  UR73D1JTTDR10F Datasheet HTML 1Page - KOA Speer Electronics, Inc. UR73D1JTTDR10F Datasheet HTML 2Page - KOA Speer Electronics, Inc. UR73D1JTTDR10F Datasheet HTML 3Page - KOA Speer Electronics, Inc. UR73D1JTTDR10F Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4. Applications & Ratings
SS-258 R6
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 2 OF 4
KOA SPEER ELECTRONICS, INC.
5. Environmental Applications
Derating Curve
100
80
60
40
20
-60
-40
-20
0
40
60
80
100
140
70
20
Ambient Temperature
(∞C)
0
-55
120
125
Surface Temperature Rise - UR73 & UR73D
100
75
25
50
100
% Rated Power
2B (.25W) (2)
2B (.5W) (2)
0
0
25
75
2B (.5W) (1)
2A (2)
2B (.25W) (1)
50
2A (1)
100
75
25
50
100
% Rated Power
1J (2)
2B (2)
0
0
25
75
2B (1)
1J (1)
2A (2)
2A (1)
50
3A (2)
3A (1)
1E (1)
1E (2)
2H (1)
2H (2)
UR73 33m
UR73D 10m
2
1
2
1
Absolute
Maximum
Working
Voltage
F (±1%) E-24,
25m , 50m
Resistance Range
Part
Designation
Maximum
Overload
Voltage
(5 sec. max.)
Operating
Temperature
Range
Power
Rating
T.C.R.
(ppm/°C)
Max.
UR732A
UR732B
1/4W (.25W)
±100
47m - 100mΩ
0.395V
0.158V
-55°C
to
+125°C
±250
±100
±250
1/4W (.25W)
1/2W (.5W)*
33m - 43mΩ
47m - 100mΩ
30m - 43mΩ
UR73D1J
UR73D2A
1/5W (.2W)
±100
47m - 100mΩ
0.353V
0.141V
±200
±250
±200
1/4W (.25W)
30m - 43mΩ
10m - 30mΩ
10m - 27mΩ
UR73D2B
1/2W (.5W)
±300
10m - 27mΩ
0.216V
0.086V
0.290V
0.116V
UR73D2H
±250
±100
3/4W (.75W)
10m - 30mΩ
33m - 100mΩ
0.685V
0.274V
UR73D3A
±250
±100
1W (1W)
10m - 30mΩ
33m - 100mΩ
0.791V
0.316V
* Please contact factory for Power Rating
UR73D1E
1/8W (.125W)
±100
47m - 100mΩ
±500
25mΩ
0.279V
0.111V
0.395V
0.158V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com