Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR73D1JTTDR10F Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # UR73D1JTTDR10F
Description  Current Sensing Chip Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

UR73D1JTTDR10F Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  UR73D1JTTDR10F Datasheet HTML 1Page - KOA Speer Electronics, Inc. UR73D1JTTDR10F Datasheet HTML 2Page - KOA Speer Electronics, Inc. UR73D1JTTDR10F Datasheet HTML 3Page - KOA Speer Electronics, Inc. UR73D1JTTDR10F Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ø13
ød
e
Central hole
(mm)
Reel
SS-258 R6
KOA SPEER ELECTRONICS, INC.
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 4 OF 4
8. Packaging Specifications (Continued)
10. Marking & Coating Color
Type
Tolerance
Coating
Marking Color
UR73
F (±1%)
Indigo
white / 4 digit
UR73D
9. Lot Number (8 digits)
41
January 2006
~
52
December 2006
53
January 2007
~
64
December 2007
53
12
3001
Production
Date
Additional
Year, Month
Day Number
8.2 Dimensions of Punched Paper Tape
(TP)
Carrier Tape
T1
P1
B
1.5 +0.1
-0
P1
2.0 4.0±0.1 Direction of feed
T1
T1
8.3 Reel specifications for taping
Type
Component Size (mm)
L
W
T
Quantity/
Reel
(Pieces)
Taping (mm)
Reel
Size
A
B
W
P1
T1
Carrier
Tape
1E
1
0.5
0.35
TP
10000
1.15±0.1
0.65±0.1
8.0±0.2
2±0.05
0.45+0.2/-0
178
TP
10000
1.9±0.1
1.1±0.1
8.0±0.2
2±0.05
0.6+0.2/-0
178
1J
1.6
0.8
0.45
TD
5000
1.9±0.1
1.1±0.08
8.0±0.2
4.0±0.1
0.6+0.2/-0
178
TP
10000
2.4±0.2
1.65±0.2
8.0±0.2
2±0.05
0.75+0.2/-0
178
TD
5000
2.4±0.2
1.65±0.2
8.0±0.2
4.0±0.1
0.75+0.2/-0
178
2A
2
1.25
0.5
TE
4000
2.4±0.2
1.6±0.2
8.0±0.2
4.0±0.1
0.9±0.1
178
TD
5000
3.5±0.2
2±0.2
8.0±0.2
4.0±0.1
0.75+0.2/-0
178
2B
3.2
1.6
0.6
TE
4000
3.5±0.2
1.9±0.2
8.0±0.2
4.0±0.1
1.0±0.1
178
2H
5
2.5
0.6
TE
4000
5.35±0.2
2.9±0.2
12.0±0.1
4.0±0.1
1.0±0.15
178
3A
6.3
3.1
0.6
TE
4000
6.65±0.2
3.44±0.2
12.0±0.1
4.0±0.1
1.0±0.15
178
UR73
UR73D
Type
ød (mm) e (mm)
UR73, UR73D
21
2
(Notes) Reel holes, shapes and
design are examples
(Notes) Dotted lines are applicable to only “TP” and “TB.”



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com