Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT3228SY9ZS-RV Datasheet(PDF) 9 Page - Kingbright Corporation

Part # AT3228SY9ZS-RV
Description  3.2X2.8mm SMD LED WITH CERAMIC SUBSTRATE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AT3228SY9ZS-RV Datasheet(HTML) 9 Page - Kingbright Corporation

Back Button AT3228SY9ZS-RV Datasheet HTML 2Page - Kingbright Corporation AT3228SY9ZS-RV Datasheet HTML 3Page - Kingbright Corporation AT3228SY9ZS-RV Datasheet HTML 4Page - Kingbright Corporation AT3228SY9ZS-RV Datasheet HTML 5Page - Kingbright Corporation AT3228SY9ZS-RV Datasheet HTML 6Page - Kingbright Corporation AT3228SY9ZS-RV Datasheet HTML 7Page - Kingbright Corporation AT3228SY9ZS-RV Datasheet HTML 8Page - Kingbright Corporation AT3228SY9ZS-RV Datasheet HTML 9Page - Kingbright Corporation AT3228SY9ZS-RV Datasheet HTML 10Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SPEC NO: DSAI6845
REV NO: V.1
DATE: SEP/08/2008
PAGE: 9 OF 10
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: S.P.Chen
ERP: 1212000024
3.2X2.8mm SMD LED WITH CERAMIC SUBSTRATE
Designing the Position of LED on a Board.
1.No twist/warp/bent/or other stress shall be applied to the board after mounting LED with
solder to avoid a crack of LED package.
Refer to the following recommended position and direction of LED.
Appropriate LED mounting is to place perpendicularly against the stress affected side
.
2.Depending on the position and direction of LED,the mechanical stress on the LED package can be changed.
Refer to the following figure.
3.Do not split board by hand.Split with exclusive special tool.
4.If an aluminum circuit board is used,a large stress by thermal shock might cause a solder crack.
For this reason,it is recommended an appropriate verification should be taken before use.
yalin
數位簽署者:yalin
DN:cn=yalin, o, ou=SPEC
專用, email=sjhou@cn.
kingbright.com, c=<無>
日期︰2008.09.08 19:40:30
+08'00'



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com