Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT3228SY9ZS-RV Datasheet(PDF) 10 Page - Kingbright Corporation

Part # AT3228SY9ZS-RV
Description  3.2X2.8mm SMD LED WITH CERAMIC SUBSTRATE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AT3228SY9ZS-RV Datasheet(HTML) 10 Page - Kingbright Corporation

Back Button AT3228SY9ZS-RV Datasheet HTML 2Page - Kingbright Corporation AT3228SY9ZS-RV Datasheet HTML 3Page - Kingbright Corporation AT3228SY9ZS-RV Datasheet HTML 4Page - Kingbright Corporation AT3228SY9ZS-RV Datasheet HTML 5Page - Kingbright Corporation AT3228SY9ZS-RV Datasheet HTML 6Page - Kingbright Corporation AT3228SY9ZS-RV Datasheet HTML 7Page - Kingbright Corporation AT3228SY9ZS-RV Datasheet HTML 8Page - Kingbright Corporation AT3228SY9ZS-RV Datasheet HTML 9Page - Kingbright Corporation AT3228SY9ZS-RV Datasheet HTML 10Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SPEC NO: DSAI6845
REV NO: V.1
DATE: SEP/08/2008
PAGE: 10 OF 10
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: S.P.Chen
ERP: 1212000024
3.2X2.8mm SMD LED WITH CERAMIC SUBSTRATE
Reliability Test Items And Conditions
The reliability of products shall be satisfied with items listed below
Lot Tolerance Percent Defective (LTPD) : 10%
No.
Test Item
Test Conditions
Test Times /
Cycles
Number of Damaged
1
Continuous Operating Test
Ta = 25 °C , IF = 350 mA
Tested with standard circuit board﹡
1000 hrs
0/22
2
High Temperature Operating
Test
Ta = 100 °C , IF = 50 mA (note)
1000 hrs
0/22
3
Low Temperature Operating
Test
Ta = -40 °C , IF = 350 mA
Tested with standard circuit board﹡
1000 hrs
0/22
4
High Temperature and
Humidity Storage Operating
Test
Ta = 85 °C , RH = 85% , IF = 100 mA
(note)
1000 hrs
0/22
5
Temperature Cycling Test
High temp: +100 °C 30 mins
∫
R.T : 5 mins
∫
Low temp : -40 °C 30 mins
∫
R.T : 5 mins
10 cycles
0/22
6
Thermal Shock Test
High temp : +100 °C 5 mins
∫
Low temp : -40 °C 5 mins
100 cycles
0/22
7
Soldering resistance Test
Tsld = 260 °C , 10 secs
10 secs
0/22
Note : Thermal resistance of LED with Kingbright circuit board : Rthj-a = 105°C/W
Failure Criteria
Item
Symbol
Test Conditions
Criteria for Judgement
Min.
Max.
Forward Voltage
VF
IF = 350mA
-
Initial Level x 1.1
Luminous Flux
Φv
IF = 350mA
Initial Level x 0.7
-
Note : The test is performed after the board is cooled down to the room temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com