Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT5050SE9ZS-RV Datasheet(PDF) 2 Page - Kingbright Corporation

Part # AT5050SE9ZS-RV
Description  5.0X5.0mm SMD LED WITH CERAMIC SUBSTRATE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AT5050SE9ZS-RV Datasheet(HTML) 2 Page - Kingbright Corporation

  AT5050SE9ZS-RV Datasheet HTML 1Page - Kingbright Corporation AT5050SE9ZS-RV Datasheet HTML 2Page - Kingbright Corporation AT5050SE9ZS-RV Datasheet HTML 3Page - Kingbright Corporation AT5050SE9ZS-RV Datasheet HTML 4Page - Kingbright Corporation AT5050SE9ZS-RV Datasheet HTML 5Page - Kingbright Corporation AT5050SE9ZS-RV Datasheet HTML 6Page - Kingbright Corporation AT5050SE9ZS-RV Datasheet HTML 7Page - Kingbright Corporation AT5050SE9ZS-RV Datasheet HTML 8Page - Kingbright Corporation AT5050SE9ZS-RV Datasheet HTML 9Page - Kingbright Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
5.0X5.0mm SMD LED WITH CERAMIC SUBSTRATE
SPEC NO: DSAI5830
REV NO: V.1
DATE: SEP/22/2008
PAGE: 2 OF 10
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.F.Lu
ERP: 1212000028
Electrical / Optical Characteristics at TA = 25°C
Notes:
1. Results from mounting on PC board FR4 (pad size>100mm2) , mounted on pc board-metal core PCB is recommend
for lowest thermal resistance.
2. 1/10 Duty Cycle, 0.1ms Pulse Width.
Absolute Maximum Ratings at TA = 25°C
Parameter
Symbol
Value
Unit
Forward Voltage IF = 350mA [Min.]
VF [2]
2.0
V
Forward Voltage IF = 350mA [Typ.]
2.5
Forward Voltage IF = 350mA [Max.]
3.0
Wavelength at peak emission IF = 350mA
[Typ.]
λpeak
628
nm
Dominant Wavelength IF = 350mA
[Typ.]
λ dom [1]
623
nm
Temperature coefficient of
λpeak
IF = 350mA, - 10
°C ≤ T ≤ 100°C [Typ.]
TCλpeak
0.1
nm/°C
Temperature coefficient of
λdom
IF = 350mA, - 10
°C ≤ T ≤ 100°C [Typ.]
TCλdom
0.08
nm/°C
Temperature coefficient of VF
IF = 350mA, - 10
°C ≤ T≤ 100°C [Typ.]
TCV
-3.0
mV/°C
Luminous Flux IF = 350mA [Typ.]
Φv
24
lm
Spectral bandwidth at 50%
ΦREL MAX IF = 350mA [Typ.]
Δλ
22
nm
Notes:
1.Wavelength : + / -1nm.
2. Forward Voltage : + / - 0.1V.
Selection Guide
Notes:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity / luminous flux: +/-15%.
Part No.
Dice
Φv (lm) [2]
@ 350mA
Viewing
Angle [1]
Code.
Min.
Max.
2
θ1/2
AT5050SE9ZS-RV
Reddish-Orange (AlGaInP)
CD-L
15
20
120
°
CE-L
20
25
CF-L
25
30
CG-L
30
40
Parameter
Symbol
Value
Unit
DC Forward Current [1]
IF
350
mA
Peak Forward Current [2]
IFM
500
mA
Power dissipation
Pt
1.05
W
Operating Temperature
Top
-40 To +100
°C
Storage Temperature
Tstg
-40 To +120
°C
Junction temperature[1]
TJ
120
°C
Thermal resistance [1] (Junction/ambient)
Rth j-a
95
°C/W
Thermal resistance [1] (Junction/solder point)
Rth j-s
30
°C/W
yalin
數位簽署者:yalin
DN:cn=yalin, o, ou=SPEC 專
用, email=sjhou@cn.kingbright.
com, c=<無>
日期︰2008.09.23 08:10:41
+08'00'



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com