Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT5050SE9ZS-RV Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AT5050SE9ZS-RV
Description  5.0X5.0mm SMD LED WITH CERAMIC SUBSTRATE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AT5050SE9ZS-RV Datasheet(HTML) 1 Page - Kingbright Corporation

  AT5050SE9ZS-RV Datasheet HTML 1Page - Kingbright Corporation AT5050SE9ZS-RV Datasheet HTML 2Page - Kingbright Corporation AT5050SE9ZS-RV Datasheet HTML 3Page - Kingbright Corporation AT5050SE9ZS-RV Datasheet HTML 4Page - Kingbright Corporation AT5050SE9ZS-RV Datasheet HTML 5Page - Kingbright Corporation AT5050SE9ZS-RV Datasheet HTML 6Page - Kingbright Corporation AT5050SE9ZS-RV Datasheet HTML 7Page - Kingbright Corporation AT5050SE9ZS-RV Datasheet HTML 8Page - Kingbright Corporation AT5050SE9ZS-RV Datasheet HTML 9Page - Kingbright Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
5.0X5.0mm SMD LED WITH CERAMIC SUBSTRATE
SPEC NO: DSAI5830
REV NO: V.1
DATE: SEP/22/2008
PAGE: 1 OF 10
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.F.Lu
ERP: 1212000028
PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: AT5050SE9ZS-RV
Reddish-Orange
Material as follows:
Package : Ceramics
Encapsulating resin : Silicone resin
Electrodes : Ag plating
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
Features
1.Dimensions : 5.0mm X 5.0mm X 1.0mm.
2.Higher brightness .
3.Small package with high efficiency .
4.Surface mount technology .
5.ESD protection .
6.Moisture sensitivity level : level 2a.
7.Compatible with IR-reflow processes.
8.RoHS compliant.


Similar Part No. - AT5050SE9ZS-RV

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AT5050QB10ZS-RV KINGBRIGHT-AT5050QB10ZS-RV Datasheet
417Kb / 10P
5.0X5.0mm SMD LED WITH CERAMIC SUBSTRATE
More results

Similar Description - AT5050SE9ZS-RV

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AT3228SY9ZS-RV KINGBRIGHT-AT3228SY9ZS-RV Datasheet
403Kb / 10P
3.2X2.8mm SMD LED WITH CERAMIC SUBSTRATE
AT5050QB10ZS-RV KINGBRIGHT-AT5050QB10ZS-RV Datasheet
417Kb / 10P
5.0X5.0mm SMD LED WITH CERAMIC SUBSTRATE
logo
TAI-SAW TECHNOLOGY CO.,...
TB0591A TAI-SAW-TB0591A Datasheet
249Kb / 6P
IF SAW Filter 351.1 MHz(SMD 5.0X5.0mm)
logo
List of Unclassifed Man...
LH01APTAI003 ETC-LH01APTAI003 Datasheet
264Kb / 6P
LED Heat Dissipation Substrate
LHA01APTAI001 ETC-LHA01APTAI001 Datasheet
218Kb / 6P
LED Heat Dissipation Substrate
LHA01APTAI004 ETC-LHA01APTAI004 Datasheet
283Kb / 6P
LED Heat Dissipation Substrate
logo
LightKey Optoelectronic...
LST5050WY LIGHTKEY-LST5050WY Datasheet
236Kb / 3P
5.0X5.0mm White SMD LED for Light Source
logo
Anaren Microwave
E125N50X4 ANAREN-E125N50X4 Datasheet
216Kb / 2P
AlN Ceramic Substrate
logo
TAI-SAW TECHNOLOGY CO.,...
TB1304A TAI-SAW-TB1304A Datasheet
348Kb / 7P
IF SAW Filter 822.5MHz SMD 5.0X5.0mm
TB1305A TAI-SAW-TB1305A Datasheet
348Kb / 7P
IF SAW Filter 867.5MHz SMD 5.0X5.0mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com