Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS33AM Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LS33AM
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LS33AM Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM26LS33AM Datasheet HTML 2Page - Texas Instruments AM26LS33AM Datasheet HTML 3Page - Texas Instruments AM26LS33AM Datasheet HTML 4Page - Texas Instruments AM26LS33AM Datasheet HTML 5Page - Texas Instruments AM26LS33AM Datasheet HTML 6Page - Texas Instruments AM26LS33AM Datasheet HTML 7Page - Texas Instruments AM26LS33AM Datasheet HTML 8Page - Texas Instruments AM26LS33AM Datasheet HTML 9Page - Texas Instruments AM26LS33AM Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AM26LS32AC, AM26LS32AI, AM26LS33AC,
AM26LS32AM, AM26LS33AM
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS115D – OCTOBER 1980 – REVISED MARCH 2002
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
OUTPUT VOLTAGE
vs
ENABLE G VOLTAGE
Enable G Voltage – V
3
2
0
0.5
1
1.5
4
5
2
2.5
3
1
0
VID = 0.2 V
TA = 25°C
Load = 8 k
Ω to GND
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
4.5
3.5
2.5
1.5
0.5
Figure 6
OUTPUT VOLTAGE
vs
ENABLE G VOLTAGE
Enable G Voltage – V
2
0
0
0.5
1
1.5
2
3
4
2.5
3
1
TA = 70°C
TA = 25°C
TA = 0°C
3.5
2.5
1.5
0.5
5
4.5
VCC = 5 V
VID = 0.2 V
Load = 8 k
Ω to GND
Figure 7
Figure 8
Enable G Voltage – V
3
2
1
0
0
0.5
1
4
5
6
1.5
2
2.5
3
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
VID = –0.2 V
Load = 1 k
Ω to VCC
TA = 25°C
OUTPUT VOLTAGE
vs
ENABLE G VOLTAGE
Figure 9
OUTPUT VOLTAGE
vs
ENABLE G VOLTAGE
Enable G Voltage – V
3
2
1
0
0
0.5
1
4
5
6
1.5
2
2.5
3
VCC = 5 V
VID = –0.2 V
Load = 1 k
Ω to VCC
TA = 0°C
TA = 25°C
TA = 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com