Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS33AM Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LS33AM
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LS33AM Datasheet(HTML) 8 Page - Texas Instruments

Back Button AM26LS33AM Datasheet HTML 2Page - Texas Instruments AM26LS33AM Datasheet HTML 3Page - Texas Instruments AM26LS33AM Datasheet HTML 4Page - Texas Instruments AM26LS33AM Datasheet HTML 5Page - Texas Instruments AM26LS33AM Datasheet HTML 6Page - Texas Instruments AM26LS33AM Datasheet HTML 7Page - Texas Instruments AM26LS33AM Datasheet HTML 8Page - Texas Instruments AM26LS33AM Datasheet HTML 9Page - Texas Instruments AM26LS33AM Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AM26LS32AC, AM26LS32AI, AM26LS33AC,
AM26LS32AM, AM26LS33AM
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS115D – OCTOBER 1980 – REVISED MARCH 2002
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
2.5
2
1
0.5
0
4.5
1.5
–200 –150 –100
–50
0
3.5
3
4
AM26LS32A
OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
5
50
100
150
200
VID – Differential Input Voltage – mV
VCC = 5 V
IO = 0
TA = 25°C
VIT–
VIT+
VIC =
–7 V
VIC =
0
VIC =
7 V
VIT–
VIT+
VIT–
VIT+
2.5
2
1
0.5
0
4.5
1.5
–200 –150 –100
–50
0
3.5
3
4
AM26LS33A
OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
5
50
100
150
200
VID – Differential Input Voltage – mV
VCC = 5 V, IO = 0, TA = 25°C
VIT–
VIT+
VIC =
–15 V
VIC =
0
VIC =
15 V
VIT–
VIT+
VIT–
VIT+
Figure 11
0
–1
–3
–4
–25 –20 –15
–50
5
10
1
3
INPUT CURRENT
vs
INPUT VOLTAGE
4
20
15
–2
2
VI – Input Voltage – V
The Unshaded Area
Shows Requirements of
Paragraph 4.2.1 of ANSI
Standards EIA/TIA-422-B and
EIA/TIA-423-B.
–10
25
VCC = 5 V
VCC = 0
Figure 12



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com