Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2000TS Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ2000TS
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2000TS Datasheet(HTML) 4 Page - Texas Instruments

  BQ2000TS Datasheet HTML 1Page - Texas Instruments BQ2000TS Datasheet HTML 2Page - Texas Instruments BQ2000TS Datasheet HTML 3Page - Texas Instruments BQ2000TS Datasheet HTML 4Page - Texas Instruments BQ2000TS Datasheet HTML 5Page - Texas Instruments BQ2000TS Datasheet HTML 6Page - Texas Instruments BQ2000TS Datasheet HTML 7Page - Texas Instruments BQ2000TS Datasheet HTML 8Page - Texas Instruments BQ2000TS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Initiation and Charge Qualification
The bq2000 initiates a charge cycle when it detects
n Application of power to VCC
n Battery replacement
n Exit from sleep mode
n Capacity depletion (Li-Ion only)
Immediately following initiation, the IC enters a
charge-qualification mode. The bq2000 charge qualifica-
tion is based on battery voltage and temperature. If
voltage on pin BAT is less than the internal threshold,
VLBAT, the bq2000 enters the charge-pending state. This
condition indicates the possiblility of a defective or
shorted battery pack. In an attempt to revive a fully
depleted pack, the bq2000 enables the MOD pin to
trickle-charge at a rate of once every 1.0s. As explained
in the section “Top-Off and Pulse-Trickle Charge,” the
trickle pulse-width is user-selectable and is set by the
value of the resistance connected to pin RC.
During this period, the LED pin blinks at a 1Hz rate,
indicating the pending status of the charger.
Similarly, the bq2000 suspends fast charge if the battery
temperature is outside the VLTF to VHTF range. (See Table
4.) For safety reasons, however, it disables the pulse
trickle, in the case of a battery over-temperature condition
(i.e., VTS <VHTF). Fast charge begins when the battery
temperature and voltage are valid.
Battery Chemistry
The bq2000 detects the battery chemistry by monitoring
the battery-voltage profile during the initial stage of the
fast charge. If the voltage on BAT input rises to the in-
ternal VMCV reference, the IC assumes a Li-Ion battery.
Otherwise the bq2000 assumes NiCd/NiMH chemistry.
As shown in Figure 6, a resistor voltage-divider between
the battery pack’s positive terminal and VSS scales the
battery voltage measured at pin BAT. In a
mixed-chemistry design, a common voltage-divider is
used as long as the maximum charge voltage of the
nickel-based pack is below that of the Li-Ion pack. Oth-
erwise, different scaling is required.
Once the chemistry is determined, the bq2000 completes
the fast charge with the appropriate charge algorithm
(Table 1). The user can customize the algorithm by
programming the device using an external resistor and
a capacitor connected to the RC pin, as discussed in
later sections.
NiCd and NiMH Batteries
Following qualification, the bq2000 fast-charges NiCd or
NiMH batteries using a current-limited algorithm. Dur-
ing the fast-charge period, it monitors charge time, tem-
perature, and voltage for adherence to the termination
criteria. This monitoring is further explained in later
sections. Following fast charge, the battery is topped off,
if top-off is selected. The charging cycle ends with a
trickle maintenance-charge that continues as long as
the voltage on pin BAT remains below VMCV.
4
bq2000
GR2000CA.eps
IMAX
IMIN
Trickle
VLBAT
VMCV
Time
Phase 1
Phase 2
Fast
Charge
Voltage
Current
Figure 3. Lithium-Ion Charge Algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com