Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2000TS Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ2000TS
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2000TS Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ2000TS Datasheet HTML 4Page - Texas Instruments BQ2000TS Datasheet HTML 5Page - Texas Instruments BQ2000TS Datasheet HTML 6Page - Texas Instruments BQ2000TS Datasheet HTML 7Page - Texas Instruments BQ2000TS Datasheet HTML 8Page - Texas Instruments BQ2000TS Datasheet HTML 9Page - Texas Instruments BQ2000TS Datasheet HTML 10Page - Texas Instruments BQ2000TS Datasheet HTML 11Page - Texas Instruments BQ2000TS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
bq2000
BAT+
Q1
FMMT718
D2
ZHCS1000
L1
47UH
C9
1000PF
R12
120 OHMS
Q2
MMBT3904LT1
C6
47UF
D5
MMSD914LT
D3
MMSD914LT
D4
S1A
DC+
R10
1K
D1
RED
R2
2K
C3
10UF
D6
BZT52-C5V1
R1
100K
RC
6
LED
3
BAT
4
VSS
2
TS
5
VCC
7
SNS
1
MOD
8
U1
bq2000
C4
0.0022UF
R4
12.4K
VCC
C7
4.7PF
C8
0.33UF
Q3
MMBT3904LT1
R11
220 OHMS
R6
210K
C5
10UF
BAT -
THERM
CHEMISTRY
R7
200K
R9
221K
R5
20K
C1
0.1
R8
6.81K
C2
0.1
NOTES:
1. For Li-Ion, the CHEMISTRY is left floating.
For NiCd/NiMH, the CHEMISTRY is tied to BAT-
2. DC input voltage: 9–16V
4. L1: 3L Global P/N PKSMD-1005-470K-1A
3. Charge current: 1A
R13
1.1K
R3
Pn1031a01.eos
0.05 OHM
Figure 8. Single-Cell Li-Ion, Three-Cell NiCd/NiMH 1A Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com