Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPEXO7 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # KPEXO7
Description  Programmable CMOS/ 5.0V
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KPEXO7 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  KPEXO7 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Wide frequency range
• Quick delivery is possible by PLL technology
• Realizing high reliability by using sealed
crystal
• Stand-by function (ST) can be used for
low current consumption applications
• Pin compatible with half size
Applications
• Digital Electronics
How to Order
KPEXO7- 60.0000 C 5 1 B 00
①
②
③ ④ ⑤ ⑥ ⑦
① Type
② Output Frequency
③ Output Type (CMOS)
④ Supply Voltage (5.0V)
⑤ Frequency Tolerance
⑥ Symmetry/ Enable Function
(40/ 60%, Stand-by)
⑦ Customer Special Model Suffix
(STD Specification is “00”)
Pb Free
RoHS Compliant
Specifications
Item
Symbol
Conditions
Specifications
Units
Min.
Max.
Output Frequency Range
fo
1
125
MHz
Frequency Tolerance (Overall)
f_tol
-100
-100
×10-6
Storage Temperature Range
T_stg
-55
+125
°C
Operating Temperature Range
T_use
-10
+70
°C
Supply Voltage
VCC
4.5
5.5
V
Current Consumption
ICC
1≤fo≤40
—
25
mA
40<fo≤90
—
35
mA
90<fo≤125
—
40
mA
Stand-by Current
I_std
—
10
µA
Symmetry
SYM
@50% VCC
40
60
%
Rise/ Fall Time
tr/ tf
1≤fo≤10
—
10
nS
10<fo≤60
—
5
nS
60<fo≤125
—
5
nS
Low Level Output Voltage
VOL
—
10% VCC
V
High Level Output Voltage
VOH
90% VCC
—
V
Input Voltage Range
VIN
4.5
5.5
V
Low Level Input Voltage
VIL
—
0.8
V
High Level Input Voltage
VIH
2
—
V
CMOS Load
L_CMOS
—
15
pF
Disable Time
t_dis
—
100
nS
Enable Time
t_ena
—
5
mS
Start-up Time
t_str
@Minimum operation voltage to be 0 sec.
—
5
mS
Note: All electrical characteristics are defined at the maximum load and operating temperature range.
Because we use a PLL Technorogy, please be careful about the influence of the jitter enough.
Please contact us for inquiry about supply Voltage 3.3V.
Dimensions
(Unit: mm)
#8
#5
#1
#4
12.8 max.
1.6
0~15
(mm)
7.62 0.3
0.6 max.
0.5 0.15
1.524
7.62 0.3
Enable/ Disable Function
Pad1
Pad5
Open
Active
"H" Level
Active
"L" Level High Z (No-Oscillation)
Pad Connections
① Enable/ Disable
④ GND
⑤ Output
⑧ VCC
Marking
*
)
)
)
Clock Oscillators Leaded Type
KPEXO7
Programmable CMOS/ 5.0V


Similar Part No. - KPEXO7

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KPE MSYSTEM-KPE Datasheet
99Kb / 3P
Plug-in Signal Conditioners K-UNIT
KPE-10-B MSYSTEM-KPE-10-B Datasheet
99Kb / 3P
Plug-in Signal Conditioners K-UNIT
KPE-10-B/Q MSYSTEM-KPE-10-B/Q Datasheet
99Kb / 3P
Plug-in Signal Conditioners K-UNIT
KPE-10-C MSYSTEM-KPE-10-C Datasheet
99Kb / 3P
Plug-in Signal Conditioners K-UNIT
KPE-10-C/Q MSYSTEM-KPE-10-C/Q Datasheet
99Kb / 3P
Plug-in Signal Conditioners K-UNIT
More results

Similar Description - KPEXO7

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC5032D KSS-KC5032D Datasheet
119Kb / 1P
CMOS/ 3.3V/ 5.0V/ 5.0횞3.2mm
KC7050B KSS-KC7050B Datasheet
123Kb / 1P
CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
KCEXO3A KSS-KCEXO3A Datasheet
125Kb / 1P
Programmable CMOS/ 5.0V
KCJXO KSS-KCJXO Datasheet
192Kb / 1P
CMOS/ 5.0V
KC5032C-C5 KSS-KC5032C-C5 Datasheet
126Kb / 1P
CMOS/ 5.0V/ 5.0횞3.2mm
KC5032D KSS-KC5032D_12 Datasheet
128Kb / 1P
CMOS/ 3.3V/ 5.0V/ 5.0횞3.2mm
KC7050A-C5 KSS-KC7050A-C5 Datasheet
125Kb / 1P
CMOS/ 5.0V/ 7.0횞5.0mm
KC7050B_FXO-31F KSS-KC7050B_FXO-31F Datasheet
129Kb / 1P
CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
KC7050B_FXO-34F KSS-KC7050B_FXO-34F Datasheet
128Kb / 1P
CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
KC7050B_FXO-37FNB KSS-KC7050B_FXO-37FNB Datasheet
129Kb / 1P
CMOS/ 5.0V/ 7.0횞5.0mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com