Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3850-2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3850-2
Description  Dual, 2-Phase Synchronous Step-Down Switching Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3850-2 Datasheet(HTML) 2 Page - Linear Technology

  LTC3850-2 Datasheet HTML 1Page - Linear Technology LTC3850-2 Datasheet HTML 2Page - Linear Technology LTC3850-2 Datasheet HTML 3Page - Linear Technology LTC3850-2 Datasheet HTML 4Page - Linear Technology LTC3850-2 Datasheet HTML 5Page - Linear Technology LTC3850-2 Datasheet HTML 6Page - Linear Technology LTC3850-2 Datasheet HTML 7Page - Linear Technology LTC3850-2 Datasheet HTML 8Page - Linear Technology LTC3850-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC3850-2
2
38502f
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN).........................30V to –0.3V
Input Supply Transient Voltage (VIN) < 500ms, with
INTVCC ≥ 5V...........................................34V to –0.3V
Top Side Driver Voltages
BOOST1, BOOST2.................................. 34V to –0.3V
Switch Voltage (SW1, SW2) ......................... 30V to –5V
INTVCC, RUN1, RUN2, PGOOD, EXTVCC,
(BOOST1-SW1), (BOOST2-SW2)................. 6V to –0.3V
SENSE1+, SENSE2+, SENSE1,
SENSE2Voltages..................................... 5.5V to –0.3V
MODE/PLLIN, TK/SS1,TK/SS2, FREQ/PLLFLTR
Voltages ................................................ INTVCC to –0.3V
ITH1, ITH2, VFB1, VFB2 Voltages..................2.7V to –0.3V
INTVCC Peak Output Current ................................100mA
Operating Temperature Range (Note 2)....–40°C to 85°C
Junction Temperature (Note 3) ............................. 125°C
Storage Temperature Range...................–65°C to 125°C
Lead Temperature (Soldering, 10 sec)
(GN Package).................................................... 300°C
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
GN PACKAGE
28-LEAD NARROW PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RUN1
SENSE1+
SENSE1
VFB1
TK/SS1
ITH1
SGND
ITH2
TK/SS2
VFB2
SENSE2
SENSE2+
RUN2
EXTVCC
FREQ/PLLFLTR
MODE/PLLIN
SW1
TG1
BOOST1
BG1
VIN
INTVCC
BG2
PGND
BOOST2
TG2
SW2
PGOOD
TJMAX = 125°C, θJA = 95°C/W
PIN CONFIGURATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3850IGN-2#PBF
LTC3850IGN-2#TRPBF
LTC3850GN-2
28-Lead Narrow Plastic SSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com