Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3850-2 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3850-2
Description  Dual, 2-Phase Synchronous Step-Down Switching Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3850-2 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3850-2 Datasheet HTML 17Page - Linear Technology LTC3850-2 Datasheet HTML 18Page - Linear Technology LTC3850-2 Datasheet HTML 19Page - Linear Technology LTC3850-2 Datasheet HTML 20Page - Linear Technology LTC3850-2 Datasheet HTML 21Page - Linear Technology LTC3850-2 Datasheet HTML 22Page - Linear Technology LTC3850-2 Datasheet HTML 23Page - Linear Technology LTC3850-2 Datasheet HTML 24Page - Linear Technology LTC3850-2 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LTC3850-2
21
38502f
both controllers are operating due to the reduced overlap of
current pulses required through the input capacitor’s ESR.
This is why the input capacitor’s requirement calculated
above for the worst-case controller is adequate for the dual
controller design. Also, the input protection fuse resistance,
battery resistance, and PC board trace resistance losses
are also reduced due to the reduced peak currents in a 2-
phase system. The overall benefit of a multiphase design
will only be fully realized when the source impedance of the
power supply/battery is included in the efficiency testing.
The sources of the top MOSFETs should be placed within
1cm of each other and share a common CIN(s). Separating
the sources and CIN may produce undesirable voltage and
current resonances at VIN.
A small (0.1μF to 1μF) bypass capacitor between the chip
VIN pin and ground, placed close to the LTC3850-2, is also
suggested. A 2.2Ω – 10Ω resistor placed between CIN
(C1) and the VIN pin provides further isolation between
the two channels.
The selection of COUT is driven by the effective series
resistance (ESR). Typically, once the ESR requirement
is satisfied, the capacitance is adequate for filtering. The
output ripple (ΔVOUT) is approximated by:
ΔV
OUT ≈ IRIPPLE ESR +
1
8fC
OUT
⎛
⎝⎜
⎞
⎠⎟
where f is the operating frequency, COUT is the output
capacitance and IRIPPLE is the ripple current in the induc-
tor. The output ripple is highest at maximum input voltage
since IRIPPLE increases with input voltage.
Setting Output Voltage
The LTC3850-2 output voltages are each set by an exter-
nal feedback resistive divider carefully placed across the
output, as shown in Figure 9. The regulated output voltage
is determined by:
V
OUT = 0.8V • 1+
R
B
R
A
⎛
⎝⎜
⎞
⎠⎟
To improve the frequency response, a feed-forward ca-
pacitor, CFF, may be used. Great care should be taken to
route the VFB line away from noise sources, such as the
inductor or the SW line.
Fault Conditions: Current Limit and Current Foldback
The LTC3850-2 includes current foldback to help limit
load current when the output is shorted to ground. If the
output falls below 50% of its nominal output level, then
the maximum sense voltage is progressively lowered from
its maximum programmed value to one-third of the maxi-
mum value. Foldback current limiting is disabled during
the soft-start or tracking up. Under short-circuit condi-
tions with very low duty cycles, the LTC3850-2 will begin
cycle skipping in order to limit the short-circuit current.
In this situation the bottom MOSFET will be dissipating
most of the power but less than in normal operation. The
short-circuit ripple current is determined by the minimum
on-time tON(MIN) of the LTC3850-2 (≈ 90ns), the input
voltage and inductor value:
ΔI
L(SC) = tON(MIN) •
V
IN
L
The resulting short-circuit current is:
I
SC =
1/3 V
SENSE(MAX)
R
SENSE
–
1
2
ΔI
L(SC)
Phase-Locked Loop and Frequency Synchronization
The LTC3850-2 has a phase-locked loop (PLL) comprised of
an internal voltage-controlled oscillator (VCO) and a phase
detector. This allows the turn-on of the top MOSFET of
controller 1 to be locked to the rising edge of an external
clock signal applied to the MODE/PLLIN pin. The turn-on
APPLICATIONS INFORMATION
Figure 9. Setting Output Voltage
1/2 LTC3850-2
VFB
VOUT
RB
CFF
RA
38502 F09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com