Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP49 Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # MP49
Description  HC-49/U Crystal
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

MP49 Datasheet(HTML) 4 Page - Pletronics, Inc.

  MP49 Datasheet HTML 1Page - Pletronics, Inc. MP49 Datasheet HTML 2Page - Pletronics, Inc. MP49 Datasheet HTML 3Page - Pletronics, Inc. MP49 Datasheet HTML 4Page - Pletronics, Inc. MP49 Datasheet HTML 5Page - Pletronics, Inc. MP49 Datasheet HTML 6Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MP49 Series
HC-49/U Crystal
January 2009
www.pletronics.com
425-776-1880
4
Legacy Part Number (not for new designs):
MP49
B
E
-18
-11.0592M -XX
Internal code or blank
Frequency in MHz
Cload in pF
Parallel Resonance in pF or
SR = Series Resonance
Operating Temperature Range
Blank = 0 to + 70
oC (STD)
E = -40 to +85
oC
Calibration Tolerance / Frequency Stability
Blank = 30/50 (STD)
B = 30/30
C = 15/30
D = 10/20 (not all frequencies)
Series Model
Reliability: Environmental Compliance
Parameter
Condition
Mechanical Shock
MIL-STD-883 Method 2002, Condition B
Vibration
MIL-STD-883 Method 2007, Condition A
Solderability
MIL-STD-883 Method 2003
Thermal Shock
MIL-STD-883 Method 1011, Condition A
Package Labeling
Label is 1" x 2.6" (25.4mm x 66.7mm)
Label is 1" x 2.6" (25.4mm x 66.7mm)
Font is Courier New
Font is Arial
Bar code is 39-Full ASCII



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com