Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP49 Datasheet(PDF) 1 Page - Pletronics, Inc.

Part # MP49
Description  HC-49/U Crystal
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

MP49 Datasheet(HTML) 1 Page - Pletronics, Inc.

  MP49 Datasheet HTML 1Page - Pletronics, Inc. MP49 Datasheet HTML 2Page - Pletronics, Inc. MP49 Datasheet HTML 3Page - Pletronics, Inc. MP49 Datasheet HTML 4Page - Pletronics, Inc. MP49 Datasheet HTML 5Page - Pletronics, Inc. MP49 Datasheet HTML 6Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product information is current as of publication date. The product conforms
Copyright © 2009, Pletronics Inc.
to specifications per the terms of the Pletronics limited warranty. Production
processsing does not necessarily include testing of all parameters.
MP49 Series
HC-49/U Crystal
January 2009
• The Pletronics’ MP49 Series is a thru-hole
crystal
• Bulk packaging
• 3 MHz to 70 MHZ
• AT Cut Crystal
Pletronics Inc. certifies this device is in accordance with the
RoHS 5/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead (<1000 ppm), Mercury, PBB’s, PBDE’s
Weight of the Device: 1.00 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e1 or e3
Electrical Specification:
Item
Min
Max
Unit
Condition
Frequency Range
1.8432
210
MHZ
AT cut
Calibration Frequency Tolerance
-
-
ppm
at +25
oC +
_ 3
oC
see table on page 3
for available options
Frequency Stability over OTR
-
-
ppm
Equivalent Series Resistance
(ESR)
-
700
Ohms
1.8432 MHZ to 3 MHZ
Fundamental
-
150
Ohms
3 MHZ to 4 MHZ
-
100
Ohms
4 MHZ to 7 MHZ
-
50
Ohms
7 MHZ to 10 MHZ
-
25
Ohms
10 MHZ to 37 MHZ
-
40
Ohms
21 MHZ to90 MHZ
3
rd Overtone
-
70
Ohms
60 MHZ to 150 MHZ
5
th Overtone
-
100
Ohms
85 MHZ to 210 MHZ
7
th Overtone
Drive Level
-
1
mW
use 10 µW for testing
Shunt Capacitance
(C0)
-
7
pF
Pad to Pad capacitance
Aging
-5
+5
ppm /Yr
at +25
oC +
_ 3
oC
Specified Temperature Range
-40
+85
oC
see table on page 3 for available options
Storage Temperature Range
-55
+125
oC


Similar Part No. - MP49

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP49 ETC2-MP49 Datasheet
59Kb / 1P
Crystal
logo
VBsemi Electronics Co.,...
MP4946 VBSEMI-MP4946 Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - MP49

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
HC-49U-S KSS-HC-49U-S Datasheet
130Kb / 1P
Miniature Quartz Crystal Unit for Microprocessor Model HC-49/U-S
HC49S KSS-HC49S Datasheet
138Kb / 1P
Miniature Quartz Crystal Unit for Microprocessor Model HC-49/U-S
logo
List of Unclassifed Man...
AA32C3 ETC2-AA32C3 Datasheet
46Kb / 1P
HC-49/U Microprocessor Crystal
logo
Advanced XTAL Products
AXX49 AXTAL-AXX49 Datasheet
127Kb / 2P
Quartz Crystal Unit HC-49/U
2005-01-15
AXX49S AXTAL-AXX49S Datasheet
156Kb / 2P
Quartz Crystal Unit HC-49/U with low profile
2005-01-15
AXX49T AXTAL-AXX49T Datasheet
127Kb / 2P
Quartz Crystal Unit HC-49/U with reduced height
2005-01-15
logo
MMD Components
ASAA1 MMD-ASAA1 Datasheet
50Kb / 1P
HC-49/U Thru-Hole Crystal
logo
Caliber Electronics Inc...
AA32C1 CALIBER-AA32C1 Datasheet
51Kb / 1P
HC-49/U Microprocessor Crystal
logo
Vectron International, ...
VXB1_VXB2 VECTRON-VXB1_VXB2 Datasheet
356Kb / 3P
HC-49/US SMD Crystal
logo
Suzhou HangJing Electro...
X49UT2 HANGJING-X49UT2 Datasheet
289Kb / 1P
QUARTZ CRYSTAL UNIT IN HC-49/U THRU-HOLE PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com