Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4067 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4067
Description  USB Power Manager with OVP and Li-Ion/Polymer Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4067 Datasheet(HTML) 4 Page - Linear Technology

  LTC4067 Datasheet HTML 1Page - Linear Technology LTC4067 Datasheet HTML 2Page - Linear Technology LTC4067 Datasheet HTML 3Page - Linear Technology LTC4067 Datasheet HTML 4Page - Linear Technology LTC4067 Datasheet HTML 5Page - Linear Technology LTC4067 Datasheet HTML 6Page - Linear Technology LTC4067 Datasheet HTML 7Page - Linear Technology LTC4067 Datasheet HTML 8Page - Linear Technology LTC4067 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC4067
4
4067f
The ● denotes the specifications which apply over the full operating
temperature range (Note 3), otherwise specifications are at TA = 25°C. Note 2 unless otherwise noted, VIN = 5V, VBAT = 3.7V,
VILIM0 = 0V, VILIM1 = 0V, RPROG = 2k, RCLPROG = 2k, VOVI = 0V, VNTC = VIN/2.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Current into a pin is positive and current out of a pin is negative.
All Voltages referenced to GND
Note 3: The LTC4067 is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C ambient
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 4: Specification is guaranteed by design and not 100% tested in
production.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NTC
INTC
NTC Input Leakage Current
VNTC = 2.5V
0
±1
μA
VCOLD
Cold Temperature Fault Threshold
Voltage
Rising Threshold
Hysteresis
0.725 • VIN 0.733 • VIN
0.02 • VIN
0.741 • VIN
V
V
VHOT
Hot Temperature Fault Threshold
Voltage
Falling Threshold
Hysteresis
0.287 • VIN 0.29 • VIN
0.02 • VIN
0.293 • VIN
V
V
VDIS
NTC Disable Voltage
NTC Input voltage to GND (Falling)
Hysteresis
●
80
100
30
120
mV
mV
Logic
FMOD
Serrated Fault Pulse Modulation
Frequency at ⎯C⎯H⎯R⎯G Pin
(VDIS < VNTC < VHOT) or (VNTC > VCOLD)
VBAT < 2.9V for Longer Than Trickle Charge Time
1.5
6
Hz
Hz
FPW
Serrated Fault Pulse Width at ⎯C⎯H⎯R⎯G
Pin
(VDIS < VNTC < VHOT) or (VNTC > VCOLD)
VBAT < 2.9V for Longer Than Trickle Charge Time
1.33
2.62
μs
μs
FTF
Serrated Fault Pulse Frequency at
⎯C⎯H⎯R⎯G Pin
(VDIS < VNTC < VHOT) or (VNTC > VCOLD) or
VBAT < 2.9V for Longer Than Trickle Charge Time
35
kHz
VOL
Output Low Voltage (⎯C⎯H⎯R⎯G)
ISINK = 5mA
●
1.5
V
VIH
Enable Input High Voltage
ILIM0, ILIM1 Pin Low to High
●
1.2
V
VlL
Enable Input Low Voltage
ILIM0, ILIM1 Pin High to Low
●
0.4
V
IPULLDN
Logic Input Pull Down Current
ILIM0, ILIM1
2
μA
VOVTH
Overvoltage Protection Threshold
(OVI Pin)
VOVI Rising Threshold
Hysteresis
5.8
6
250
6.2
V
mV
VPROG,SD
Shutdown Threshold
VCC – VPROG Rising (Note 6)
Hysteresis
1.4
50
V
mV
IPROG,PULLUP PROG Pin Shutdown Sense Current VPROG = 1V
3.5
μA
Note 5: This IC includes over-temperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature exceeds 125°C when over-temperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
Note 6: VCC is the greater of VIN, VOUT or VBAT.
Note 7: Accuracy of programmed current may degrade for currents greater
than 1A.
Note 8: CLPROG soft-start scales with inverse of CLPROG resistor. If
RCLPROG = 2k, then ISS = 0.6mA/μs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com