Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4067 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4067
Description  USB Power Manager with OVP and Li-Ion/Polymer Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4067 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4067 Datasheet HTML 2Page - Linear Technology LTC4067 Datasheet HTML 3Page - Linear Technology LTC4067 Datasheet HTML 4Page - Linear Technology LTC4067 Datasheet HTML 5Page - Linear Technology LTC4067 Datasheet HTML 6Page - Linear Technology LTC4067 Datasheet HTML 7Page - Linear Technology LTC4067 Datasheet HTML 8Page - Linear Technology LTC4067 Datasheet HTML 9Page - Linear Technology LTC4067 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC4067
6
4067f
TEMPERATURE (
°C)
–50
125
4067 G11
0
50
100
–25
25
75
1.2
1.0
0.8
0.6
0.4
0.2
0
ONSET OF THERMAL
REGULATION
IOUT (mA)
0
2000
4067 G18
400
800
1200
1600
500
400
300
200
100
0
VIN = 5V
VBAT = 3.6V
SUSP
TA = 130°C
TA = 90°C
TA = 50°C
TA = 10°C
TA = –30°C
VBAT (V)
0
4.5
4067 G13
3.5
3.0
2.5
2.0
1.5
0.5 1.0
4.0
600
500
400
300
200
100
0
VIN = 5V
IOUT = 0mA
RPROG = 2k
RPROG = 4k
VBAT (V)
3.4
4.2
4067 G14
3.9
3.8
3.7
3.5
3.6
4.1
4.0
525
500
450
475
425
VIN = 5V
IOUT = 0mA
2k
4067 G10
4.30
4.25
4.20
4.15
4.10
TEMPERATURE (
°C)
–50
110
–10
30
90
70
–30
10
50
VIN (V)
3.0
6.0
4067 G12
5.5
5.0
4.5
4.0
3.5
4.4
4.2
4.0
3.8
3.6
3.4
3.2
3.0
TEMPERATURE (
°C)
–50
50
110
4067 G17
–10 10
80
–30
30
70
90
600
500
400
300
200
100
0
VIN = 5V
VBAT = 3.6V
ONSET OF THERMAL
REGULATION
Battery Float Voltage vs
Temperature
Charge Current vs Battery Voltage
Charge Current vs Temperature
(Thermal Regulation)
Ideal Diode Forward Voltage vs
Current and Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
Charge Current vs Battery Voltage
Battery Regulated (Float) Voltage
vs Input Voltage
VPROG vs Temperature
at IBAT = –500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com