Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2011 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2011
Description  Gas Gauge IC for High Discharge Rates
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2011 Datasheet(HTML) 2 Page - Texas Instruments

  BQ2011 Datasheet HTML 1Page - Texas Instruments BQ2011 Datasheet HTML 2Page - Texas Instruments BQ2011 Datasheet HTML 3Page - Texas Instruments BQ2011 Datasheet HTML 4Page - Texas Instruments BQ2011 Datasheet HTML 5Page - Texas Instruments BQ2011 Datasheet HTML 6Page - Texas Instruments BQ2011 Datasheet HTML 7Page - Texas Instruments BQ2011 Datasheet HTML 8Page - Texas Instruments BQ2011 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Pin Descriptions
MODE
Display mode output
When left floating, this output selects rela-
tive mode for capacity display. If connected
to the anode of the LEDs to source current,
absolute mode is selected for capacity dis-
play. See Table 1.
SEG1–
SEG5
LED display segment outputs
Each output may activate an LED to sink
the current sourced from MODE, the bat-
tery, or VCC.
PFC
Programmed full count selection input
This three-level input pin defines the pro-
grammed full count (PFC) thresholds and
scale selections described in Table 1.
The
state of the PFC pin is only read immediate-
ly after a reset condition.
SR
Sense resistor input
The voltage drop (VSR) across the sense re-
sistor RS is monitored and integrated over
time to interpret charge and discharge activ-
ity. The SR input is tied to the low side of
the sense resistor. VSR >VSS indicates dis-
charge, and VSR <VSS indicates charge. The
effective voltage drop, VSRO, as seen by the
bq2011 is VSR +VOS (see Table 3).
NC
No connect
DISP
Display control input
DISP floating allows the LED display to
be active during charge and discharge if
VSRO < -1mV (charge) or VSRO > 2mV (dis-
charge).
Transitioning DISP low activates
the display for 4
± 0.5 seconds.
SB
Secondary battery input
This input monitors the single-cell voltage
potential through a high-impedance resis-
tive divider network for the end-of-discharge
voltage (EDV) threshold and maximum cell
voltage (MCV).
RBI
Register backup input
This input is used to provide backup potential
to the bq2011 registers during periods when
VCC
≤ 3V. A storage capacitor should be con-
nected to RBI.
DQ
Serial I/O pin
This is an open-drain bidirectional pin.
REF
Voltage reference output for regulator
REF provides a voltage reference output for
an optional micro-regulator.
VCC
Supply voltage input
VSS
Ground
2
bq2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com