Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2011 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2011
Description  Gas Gauge IC for High Discharge Rates
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2011 Datasheet(HTML) 3 Page - Texas Instruments

  BQ2011 Datasheet HTML 1Page - Texas Instruments BQ2011 Datasheet HTML 2Page - Texas Instruments BQ2011 Datasheet HTML 3Page - Texas Instruments BQ2011 Datasheet HTML 4Page - Texas Instruments BQ2011 Datasheet HTML 5Page - Texas Instruments BQ2011 Datasheet HTML 6Page - Texas Instruments BQ2011 Datasheet HTML 7Page - Texas Instruments BQ2011 Datasheet HTML 8Page - Texas Instruments BQ2011 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Functional Description
General Operation
The bq2011 determines battery capacity by monitoring
the amount of charge input to or removed from a re-
chargeable battery. The bq2011 measures discharge and
charge currents, estimates self-discharge, monitors the
battery for low-battery voltage thresholds, and compen-
sates for temperature and charge/discharge rates. The
charge measurement is made by monitoring the voltage
across a small-value series sense resistor between the
negative battery terminal and ground.
The available
battery charge is determined by monitoring this voltage
over time and correcting the measurement for the envi-
ronmental and operating conditions.
Figure 1 shows a typical battery pack application of the
bq2011 using the LED display with absolute mode as a
charge-state indicator. The bq2011 can be configured to
display capacity in either a relative or an absolute dis-
play mode.
The relative display mode uses the last
measured discharge capacity of the battery as the bat-
tery “full” reference. The absolute display mode uses the
programmed full count (PFC) as the full reference, forc-
ing each segment of the display to represent a fixed
amount of charge.
A push-button display feature is
available for momentarily enabling the LED display.
The bq2011 monitors the charge and discharge currents
as a voltage across a sense resistor (see RS in Figure 1).
A filter between the negative battery terminal and the
SR pin may be required if the rate of change of the bat-
tery current is too great.
3
bq2011
FG201101.eps
PFC
SEG5
SEG4
SEG3
SEG2
SEG1
VSS
DISP
SB
VCC
REF
bq2011
Gas Gauge IC
MODE
SR
RBI
DQ
VCC
C1
0.1 F
Q1
ZVNL110A
R1
RS
RB1
RB2
Load
Charger
Indicates optional.
Directly connect to VCC across 4 cells (4.8V nominal and should not
exceed 6.5V) with a resistor and a Zener diode to limit voltage during charge.
Otherwise, R1, C1, and Q1 are needed for regulation of >4 cells.
Programming resistors and ESD-protection diodes are not shown.
R-C on SR may be required, (application-specific), where the maximum
R should not exceed 20K.
Figure 1. Battery Pack Application Diagram—LED Display,
Absolute Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com