Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4081 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4081
Description  500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4081 Datasheet(HTML) 2 Page - Linear Technology

  LTC4081 Datasheet HTML 1Page - Linear Technology LTC4081 Datasheet HTML 2Page - Linear Technology LTC4081 Datasheet HTML 3Page - Linear Technology LTC4081 Datasheet HTML 4Page - Linear Technology LTC4081 Datasheet HTML 5Page - Linear Technology LTC4081 Datasheet HTML 6Page - Linear Technology LTC4081 Datasheet HTML 7Page - Linear Technology LTC4081 Datasheet HTML 8Page - Linear Technology LTC4081 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC4081
2
4081f
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4081EDD#PBF
LTC4081EDD#TRPBF
LDBX
10-Lead (3mm × 3mm) DFN
0°C to 70°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
The ● denotes specifications which apply over the full operating tempera-
ture range, otherwise specifications are at TA = 25°C, VCC = 5V, VBAT = 3.8V, V⎯E⎯N⎯_⎯C⎯H⎯R⎯G = 0V, VNTC = 0V, VEN_BUCK = VBAT, VMODE = 0V.
(Note 2)
ELECTRICAL CHARACTERISTICS
VCC, t < 1ms and Duty Cycle < 1%.............. – 0.3V to 7V
VCC Steady State ......................................... – 0.3V to 6V
BAT, ⎯C⎯H⎯R⎯G .................................................. – 0.3V to 6V
⎯E⎯N⎯_⎯C⎯H⎯R⎯G, PROG, NTC ...................– 0.3V to VCC + 0.3V
MODE, EN_BUCK .......................... – 0.3V to VBAT + 0.3V
FB ............................................................... – 0.3V to 2V
(Note 1)
ABSOLUTE
AXI U
RATI GS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Battery Charger Supply Voltage
(Note 4)
●
3.75
5
5.5
V
VBAT
Input Voltage for the Switching
Regulator
(Note 5)
●
2.7
3.8
4.5
V
ICC
Quiescent Supply Current (Charger On,
Switching Regulator Off)
VBAT = 4.5V (Forces IBAT and IPROG = 0),
VEN_BUCK = 0
●
110
300
μA
ICC_SD
Supply Current in Shutdown (Both
Battery Charger and Switching
Regulator Off)
V⎯E⎯N⎯_⎯C⎯H⎯R⎯G = 5V, VEN_BUCK = 0, VCC > VBAT
V⎯E⎯N⎯_⎯C⎯H⎯R⎯G = 4V, VEN_BUCK = 0, VCC (3.5V) <
VBAT (4V)
●
5
2
10
μA
μA
BAT Short-Circuit Duration............................ Continuous
BAT Pin Current ...................................................800mA
PROG Pin Current ....................................................2mA
Junction Temperature .......................................... .125°C
Operating Temperature Range (Note 2) .. – 40°C to 85°C
Storage Temperature Range.................. – 65°C to 125°C
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
BAT
VCC
EN_CHRG
PROG
NTC
SW
EN_BUCK
MODE
FB
CHRG
11
TJMAX = 110°C, θJA = 43°C/W (NOTE 3)
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com