Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4081 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4081
Description  500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4081 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4081 Datasheet HTML 16Page - Linear Technology LTC4081 Datasheet HTML 17Page - Linear Technology LTC4081 Datasheet HTML 18Page - Linear Technology LTC4081 Datasheet HTML 19Page - Linear Technology LTC4081 Datasheet HTML 20Page - Linear Technology LTC4081 Datasheet HTML 21Page - Linear Technology LTC4081 Datasheet HTML 22Page - Linear Technology LTC4081 Datasheet HTML 23Page - Linear Technology LTC4081 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC4081
21
4081f
Accepting larger values of ΔIL allows the use of low
inductances, but results in higher output voltage ripple,
greater core losses, and lower output current capability. A
reasonable starting point for setting ripple current is ΔIL
=0.3 • ILIM, where ILIM is the peak switch current limit.
The largest ripple current occurs at the maximum input
voltage. To guarantee that the ripple current stays below a
specified maximum, the inductor value should be chosen
according to the following equation:
L
V
fI
V
V
OUT
L
OUT
IN MAX
≥−
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟
()
0
1
•
•
Δ
For applications with VOUT = 1.8V, the above equation
suggests that an inductor of at least 6.8μH should be used
for proper operation.
Many different sizes and shapes of inductors are
available from numerous manufacturers. To maximize
efficiency, choose an inductor with a low DC resistance.
Keep in mind that most inductors that are very thin or
have a very small volume typically have much higher core
and DCR losses and will not give the best efficiency. Also
choose an inductor with a DC current rating at least 1.5
times larger than the peak inductor current limit to ensure
that the inductor does not saturate during normal opera-
tion. To minimize radiated noise use a toroid or shielded
pot core inductor in ferrite or permalloy materials. Table
1 shows a list of several inductor manufacturers.
APPLICATIO S I FOR ATIO
Table 1. Recommended Surface Mount Inductor Manufacturers
Coilcraft
www.coilcraft.com
Sumida
www.sumida.com
Murata
www.murata.com
Toko
www.tokoam.com
Input and Output Capacitor Selection
Since the input current waveform to a buck converter is a
square wave, it contains very high frequency components.
It is strongly recommended that a low equivalent series
resistance (ESR) multilayer ceramic capacitor be used to
bypass the BAT pin which is the input for the converter.
Tantalum and aluminum capacitors are not recommended
because of their high ESR. The value of the capacitor on
BAT directly controls the amount of input voltage ripple for
a given load current. Increasing the size of this capacitor
will reduce the input ripple.
To prevent large VOUT voltage steps during transient
load conditions, it is also recommended that a ceramic
capacitor be used to bypass VOUT. A typical value for this
capacitor is 4.7μF.
Multilayer Ceramic Chip Capacitors (MLCC) typically have
exceptional ESR performance. MLCCs combined with a
carefully laid out board with an unbroken ground plane will
yield very good performance and low EMI emissions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com