Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4089 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4089
Description  USB Power Manager with High Voltage Switching Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4089 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4089 Datasheet HTML 14Page - Linear Technology LTC4089 Datasheet HTML 15Page - Linear Technology LTC4089 Datasheet HTML 16Page - Linear Technology LTC4089 Datasheet HTML 17Page - Linear Technology LTC4089 Datasheet HTML 18Page - Linear Technology LTC4089 Datasheet HTML 19Page - Linear Technology LTC4089 Datasheet HTML 20Page - Linear Technology LTC4089 Datasheet HTML 21Page - Linear Technology LTC4089 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC4089/LTC4089-5
18
40895fb
The high voltage regulator output capacitor controls output
ripple, supplies transient load currents, and stabilizes the
regulator control loop. Ceramic capacitors have very low
equivalent series resistance (ESR) and provide the best
ripple performance. A good value is 10µF. Use X5R or
X7R types, and note that a ceramic capacitor biased with
VHVOUT will have less than its nominal capacitance. Table
2 lists several capacitor vendors.
Table 2: Capacitor Vendors
VENDOR
PHONE
URL
PART
SERIES
COM-
MENTS
Panasonic (714) 373-7366
www.panasonic.com
Ceramic,
Polymer,
Tantalum
EEF Series
Kemet
(864) 963-6300
www.kemet.com
Ceramic,
Tantalum
T494,
T495
Sanyo
(408) 749-9714
www.sanyovideo.com
Ceramic,
Polymer,
Tantalum
POSCAP
Murata
(404) 436-1300
www.murata.com
Ceramic
AVX
www.avxcorp.com
Ceramic,
Tantalum
TPS
Series
Taiyo
Yuden
(864) 963-6300
www.taiyo-yuden.com
Ceramic
BOOST Pin Considerations
Capacitor C3 and diode D2 (see Block Diagram) are used
to generate a boost voltage that is higher than the input
voltage. In most cases, a 0.1µF capacitor and fast-switch-
ing diode (such as the 1N4148 or 1N914) will work well.
The BOOST pin must be at least 2.2V above the SW pin
for proper operation.
High Voltage Regulator Soft-Start
The HVEN pin can be used to soft-start the high voltage
regulator and reduce the maximum input current during
start-up. A voltage ramp at the HVEN pin can be created
by driving the pin through an external RC filter (see Figure
6). By choosing a large RC time constant, the peak start-up
current will not overshoot the current that is required to
regulate the output. Choose the value of the resistor so that
it can supply 20µA when the HVEN pin reaches 2.3V.
RUN
15k
0.1
µF
HVEN
GND
4089 F06
LTC4089
Alternate NTC Thermistors
The LTC4089/LTC4089-5 NTC trip points were designed
to work with thermistors whose resistance-temperature
characteristics follow Vishay Dale’s “R-T Curve 2.” The
Vishay NTHS0603N02N1002J is an example of such a
thermistor. However, Vishay Dale has many thermistor
products that follow the “R-T Curve 2” characteristic in a
variety of sizes. Furthermore, any thermistor whose ratio
of RCOLD to RHOT is about 7.0 will also work (Vishay Dale
R-T Curve 2 shows a ratio of 2.815/0.4086 = 6.89).
Power conscious designs may want to use thermistors
whose room temperature value is greater than 10k. Vishay
Dale has a number of values of thermistor from 10k to 100k
that follow the “R-T Curve 2.” Using these as indicated
in the NTC Thermistor section will give temperature trip
points of approximately 3°C and 47°C, a delta of 44°C.
This delta in temperature can be moved in either direc-
tion by changing the value of RNOM with respect to RNTC.
APPLICATIO S I FOR ATIO
Figure 6. Using the HVEN Pin to Soft-Start the
High Voltage Regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com