Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4089 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4089
Description  USB Power Manager with High Voltage Switching Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4089 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4089 Datasheet HTML 16Page - Linear Technology LTC4089 Datasheet HTML 17Page - Linear Technology LTC4089 Datasheet HTML 18Page - Linear Technology LTC4089 Datasheet HTML 19Page - Linear Technology LTC4089 Datasheet HTML 20Page - Linear Technology LTC4089 Datasheet HTML 21Page - Linear Technology LTC4089 Datasheet HTML 22Page - Linear Technology LTC4089 Datasheet HTML 23Page - Linear Technology LTC4089 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC4089/LTC4089-5
21
40895fb
APPLICATIO S I FOR ATIO
The power dissipation in the other power compo-
nents—catch diodes, MOSFETs, boost diodes and induc-
tors—causes additional copper heating and can further
increase the “ambient” temperature of the IC.
Board Layout Considerations
As discussed in the previous section, it is critical that
the exposed metal pad on the backside of the LTC4089/
LTC4089-5 package be soldered to the PC board ground.
Furthermore, proper operation and minimum EMI requires
a careful printed circuit board (PCB) layout. Note that large,
switched currents flow in the power switch (between the
HVIN and SW pins), the catch diode and the HVIN input
capacitor. These components, along with the inductor and
output capacitor, should be placed on the same side of
the circuit board, and their connections should be made
on that layer. Place a local, unbroken ground plane below
these components. The loop formed by these components
should be as small as possible. Additionally, the SW and
BOOST nodes should be kept as small as possible. Figure
8 shows the recommended component placement with
trace and via locations.
High frequency currents, such as the high voltage input
current of the LTC4089, tend to find their way along
the ground plane on a mirror path directly beneath the
incident path on the top of the board. If there are slits or
cuts in the ground plane due to other traces on that layer,
the current will be forced to go around the slits. If high
frequency currents are not allowed to flow back through
their natural least-area path, excessive voltage will build
up and radiated emissions will occur. See Figure 9.
4089 F09
VIN and VHVIN Bypass Capacitor
Many types of capacitors can be used for input bypassing,
however, caution must be exercised when using multilayer
ceramic capacitors. Because of the self-resonant and high
Q characteristics of some types of ceramic capacitors,
high voltage transients can be generated under some
start-up conditions, such as from connecting the charger
input to a hot power source. For more information, refer
to Application Note 88.
Battery Charger Stability Considerations
The constant-voltage mode feedback loop is stable without
any compensation when a battery is connected with low
impedance leads. Excessive lead length, however, may add
enough series inductance to require a bypass capacitor
of at least 1µF from BAT to GND. Furthermore, a 4.7µF
capacitor with a 0.2
to 1
series resistor to GND is
recommended at the BAT pin to keep ripple voltage low
when the battery is disconnected.
Figure 8. Suggested Board Layout
Figure 9. Ground Currents Follow Their Incident Path
at High Speed. Slices in the Ground Plane Cause High
Voltage and Increased Emissions.
MINIMIZE D1, L1,
C3, U1, SW PIN LOOP
MINIMIZE TRACE LENGTH
U1 THERMAL PAD
SOLDERED TO PCB.
VIAS CONNECTED TO ALL
GND PLANES WITHOUT
THERMAL RELIEF.
C1 AND D1
GND PADS
SIDE-BY-SIDE
AND SEPERATED
WITH C3 GND PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com