Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4089EDJC Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4089EDJC
Description  USB Power Manager with High Voltage Switching Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4089EDJC Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4089EDJC Datasheet HTML 9Page - Linear Technology LTC4089EDJC Datasheet HTML 10Page - Linear Technology LTC4089EDJC Datasheet HTML 11Page - Linear Technology LTC4089EDJC Datasheet HTML 12Page - Linear Technology LTC4089EDJC Datasheet HTML 13Page - Linear Technology LTC4089EDJC Datasheet HTML 14Page - Linear Technology LTC4089EDJC Datasheet HTML 15Page - Linear Technology LTC4089EDJC Datasheet HTML 16Page - Linear Technology LTC4089EDJC Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC4089/LTC4089-5
13
40895fb
High Voltage Step Down Regulator
The power delivered from HVIN to HVOUT is controlled
by a 750kHz constant frequency, current mode step down
regulator. An external P-channel MOSFET directs this
power to OUT and prevents reverse conduction from OUT
to HVOUT (and ultimately HVIN).
A 750kHz oscillator enables an RS flip-flop, turning on the
internal 1.95A power switch Q1. An amplifier and compara-
tor monitor the current flowing between the HVIN and SW
pins, turning the switch off when this current reaches a
level determined by the voltage at VC. An error amplifier
servos the VC node to maintain approximately 300mV
between OUT and BAT (LTC4089). By keeping the voltage
across the battery charger low, efficiency is optimized
because power lost to the battery charger is minimized
and power available to the external load is maximized. If
the BAT pin voltage is less than approximately 3.3V, then
the error amplifier will servo the VC node to provide a
constant HVOUT output voltage of about 3.6V. An active
clamp on the VC node provides current limit. The VC node
is also clamped to the voltage on the HVEN pin; soft-start
is implemented by a voltage ramp at the HVEN pin using
an external resistor and capacitor.
An internal regulator provides power to the control circuitry.
This regulator includes an undervoltage lockout to prevent
switching when HVIN is less than about 4.7V. The HVEN
pin is used to disable the high voltage regulator. HVIN
input current is reduced to less than 2µA and the external
P-channel MOSFET disconnects HVOUT from OUT when
the high voltage regulator is disabled.
The switch driver operates from either the high voltage
input or from the BOOST pin. An external capacitor and
diode are used to generate a voltage at the BOOST pin that
is higher than the input supply. This allows the driver to
fully saturate the internal bipolar NPN power switch for
efficient operation.
When HVOUT is below 3.95V the operating frequency
is reduced. This frequency foldback helps to control the
regulator output current during start-up and overload.
Ideal Diode from BAT to OUT
The LTC4089/LTC4089-5 has an internal ideal diode as
well as a controller for an optional external ideal diode. If
a battery is the only power supply available, or if the load
current exceeds the programmed input current limit, then
the battery will automatically deliver power to the load via
an ideal diode circuit between the BAT and OUT pins. The
ideal diode circuit (along with the recommended 4.7µF
capacitor on the OUT pin) allows the LTC4089/LTC4089-5
to handle large transient loads and wall adapter or USB
VBUS connect/disconnect scenarios without the need for
large bulk capacitors. The ideal diode responds within
a few microseconds and prevents the OUT pin voltage
from dropping significantly below the BAT pin voltage.
A comparison of the I-V curve of the ideal diode and a
Schottky diode can be seen in Figure 3.
If the input current increases beyond the programmed
input current limit additional current will be drawn from the
battery via the internal ideal diode. Furthermore, if power
to IN (USB VBUS) or HVIN (high voltage input) is removed,
then all of the application power will be provided by the
battery via the ideal diode. A 4.7µF capacitor at OUT is
sufficient to keep a transition from input power to battery
power from causing significant output voltage droop. The
ideal diode consists of a precision amplifier that enables a
large P-channel MOSFET transistor whenever the voltage
at OUT is approximately 20mV (VFWD) below the voltage
at BAT. The resistance of the internal ideal diode is ap-
proximately 200m . If this is sufficient for the application
OPERATIO
Figure 3. LTC4089/LTC4089-5 Versus
Schottky Diode Forward Voltage Drop
CONSTANT
I0N
CONSTANT
R0N
CONSTANT
V0N
VFWD
IMAX
FORWARD VOLTAGE (V)
4089 F03
IFWD
0
SLOPE: 1/RDIO(ON)
SLOPE: 1/RFWD
SCHOTTKY
DIODE
LTC4089



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com