Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4089EDJC Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4089EDJC
Description  USB Power Manager with High Voltage Switching Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4089EDJC Datasheet(HTML) 4 Page - Linear Technology

  LTC4089EDJC Datasheet HTML 1Page - Linear Technology LTC4089EDJC Datasheet HTML 2Page - Linear Technology LTC4089EDJC Datasheet HTML 3Page - Linear Technology LTC4089EDJC Datasheet HTML 4Page - Linear Technology LTC4089EDJC Datasheet HTML 5Page - Linear Technology LTC4089EDJC Datasheet HTML 6Page - Linear Technology LTC4089EDJC Datasheet HTML 7Page - Linear Technology LTC4089EDJC Datasheet HTML 8Page - Linear Technology LTC4089EDJC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC4089/LTC4089-5
4
40895fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Internal Ideal Diode
RFWD
Incremental Resistance, VON
Regulation
IBAT = 100mA
125
m
RDIO,ON
ON Resistance VBAT to VOUT
IBAT = 600mA
215
m
VFWD
Voltage Forward Drop (VBAT - VOUT)IBAT = 5mA
IBAT = 100mA
IBAT = 600mA
●
10
30
55
160
50
mV
mV
mV
VOFF
Diode Disable Battery Voltage
2.8
V
IFWD
Load Current Limit, for VON
Regulation
550
mA
ID(MAX)
Diode Current Limit
2.2
A
External Ideal Diode
VFWD, EXT
External Diode Forward Voltage
20
mV
Logic
VOL
Output Low Voltage (CHRG, HVPR)
ISINK = 5mA
●
0.1
0.4
V
VIH
Input High Voltage
HVEN, SUSP, HPWR Pin Low to High
2.3
V
VIL
Input Low Voltage
HVEN, SUSP, HPWR Pin High to Low
0.3
V
IPULLDN
Logic Input Pull Down Current
SUSP, HPWR
2
µA
IHVEN
HVEN Pin Bias Current
VHVEN = 2.3V
VHVEN = 0V
6
0.01
20
0.1
µA
µA
VCHG,SD
Charger Shutdown Threshold
Voltage on TIMER
●
0.14
0.4
V
ICHG,SD
Charger Shutdown Pull-Up Current
on TIMER
VTIMER = 0V
●
514
µA
NTC
IVNTC
VNTC Pin Current
VVNTC = 2.5V
●
1.4
2.5
3.5
mA
VVNTC
VNTC Bias Voltage
IVNTC = 500µA
●
4.4
4.85
V
INTC
NTC Input Leakage Current
VNTC = 1V
0
±1
µA
VCOLD
Cold Temperature Fault Threshold
Voltage
Rising Threshold
Hysteresis
0.74•VVNTC
0.02•VVNTC
V
V
VHOT
Hot Temperature Fault Threshold
Voltage
Falling Threshold
Hysteresis
0.29•VVNTC
0.01•VVNTC
V
V
VDIS
NTC Disable Voltage
NTC Input Voltage to GND (Falling)
Hysteresis
●
75
100
35
125
mV
mV
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. HVIN = 12V, BOOST = 17V, VIN = 5V, VBAT = 3.7V, HVEN = 12V,
HPWR = 5V, RPROG = 100k, RCLPROG = 2k, SUSP = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: VCC is the greater of VIN, VOUT or VBAT
Note 3: All voltage values are with respect to GND.
Note 4: This IC includes over-temperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperatures will exceed 110°C when over-temperature protection is
active. Continuous operation above the specified maximum operating
junction temperature may result in device degradation or failure.
Note 5: The LTC4089/LTC4089-5 are guaranteed to meet specified
performance from 0°C to 85°C and are designed, characterized and
expected to meet these extended temperature limits, but are not tested
at –40°C and 85°C.
Note 6: Guaranteed by long term current density limitations.
Note 7: Total input current is equal to this specification plus 1.002 • IBAT
where IBAT is the charge current.
Note 8: Accuracy of programmed current may degrade for currents greater
than 1.5A.
Note 9: Current limit guaranteed by design and/or correlation to static test.
Slope compensation reduces current limit at high duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com