Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4095 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4095
Description  Standalone USB Li-Ion/Polymer Battery Charger in 2mm 횞 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4095 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4095 Datasheet HTML 8Page - Linear Technology LTC4095 Datasheet HTML 9Page - Linear Technology LTC4095 Datasheet HTML 10Page - Linear Technology LTC4095 Datasheet HTML 11Page - Linear Technology LTC4095 Datasheet HTML 12Page - Linear Technology LTC4095 Datasheet HTML 13Page - Linear Technology LTC4095 Datasheet HTML 14Page - Linear Technology LTC4095 Datasheet HTML 15Page - Linear Technology LTC4095 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC4095
13
4095fa
APPLICATIONS INFORMATION
Figure 6. USB Soft Connect Circuit
charge currents, the LTC4095 power dissipation is
approximately:
PD = (IN – BAT) • IBAT
where PD is the power dissipated, IN is the input supply
voltage, BAT is the battery voltage and IBAT is the charge
current. It is not necessary to perform any worst-case
power dissipation scenarios because the LTC4095 will
automatically reduce the charge current to maintain the
die temperature at approximately 115°C. However, the
approximate ambient temperature at which the thermal
feedback begins to protect the IC is:
TA = 115°C – PDθJA
TA = 115°C – (IN – BAT) • IBAT • θJA
Example: Consider an LTC4095 operating from a USB port
providing 500mA to a 3.5V Li-Ion battery. The ambient
temperature above which the LTC4095 will begin to reduce
the 500mA charge current is approximately:
TA = 115°C – (5V – 3.5V) • (500mA) • 60°C/W
TA = 115°C – 0.75W • 60°C/W = 115°C – 45°C
TA = 70°C
The LTC4095 can be used above 70°C, but the charge cur-
rent will be reduced from 500mA. The approximate current
at a given ambient temperature can be calculated:
I
CT
IN BAT
BAT
A
JA
=
°
()
115
–
–•
θ
Using the previous example with an ambient temperature of
88°C, the charge current will be reduced to approximately:
I
CC
VV
C W
C
CA
BAT =
°°
() °
=
°
°
=
115
88
53 5
60
27
90
–
–.
•
/
/
3
300mA
Furthermore, the voltage at the PROG pin will change
proportionally with the charge current as discussed in
the Programming Charge Current section.
It is important to remember that LTC4095 applications do
not need to be designed for worst-case thermal conditions
since the IC will automatically reduce power dissipation
when the junction temperature reaches approximately
115°C.
USB Inrush Limiting
When a USB cable is plugged into a portable product,
the inductance of the cable and the high-Q ceramic input
capacitor form an L-C resonant circuit. If there is not
much impedance in the cable, it is possible for the voltage
at the input of the product to reach as high as twice the
USB voltage (~10V) before it settles out. In fact, due to
the high voltage coefficient of many ceramic capacitors (a
nonlinearity), the voltage may even exceed twice the USB
voltage. To prevent excessive voltage from damaging the
LTC4095 during a hot insertion, the soft connect circuit
in Figure 6 can be employed.
In this circuit, capacitor C2 holds MN1 off when the cable
is first connected. Eventually C2 begins to charge up to
the USB input voltage applying increasing gate support
to MN1. The long time constant of R1 and C1 prevent
the current from building up in the cable too fast thus
dampening out any resonant overshoot.
LTC4095
USB CABLE
IN
GND
C1
10
µF
C2
100nF
4095 F06
MN1
Si2302
R1
40k
8
2
5V
USB
INPUT
Battery Charger Stability Considerations
The LTC4095’s battery charger contains both a constant-
voltage and a constant-current control loop. The constant-
voltage loop is stable without any compensation when a
battery is connected with low impedance leads. Excessive
lead length, however, may add enough series inductance
to require a bypass capacitor of at least 1µF from BAT to
GND. Furthermore, a 4.7µF capacitor in series with a 0.2Ω
to 1Ω resistor from BAT to GND is required to keep ripple
voltage low when the battery is disconnected.
High value, low ESR multilayer ceramic chip capacitors
reduce the constant-voltage loop phase margin, possibly
resulting in instability. Ceramic capacitors up to 22µF may
be used in parallel with a battery, but larger ceramics should
be decoupled with 0.2Ω to 1Ω of series resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com