Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4095 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4095
Description  Standalone USB Li-Ion/Polymer Battery Charger in 2mm 횞 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4095 Datasheet(HTML) 2 Page - Linear Technology

  LTC4095 Datasheet HTML 1Page - Linear Technology LTC4095 Datasheet HTML 2Page - Linear Technology LTC4095 Datasheet HTML 3Page - Linear Technology LTC4095 Datasheet HTML 4Page - Linear Technology LTC4095 Datasheet HTML 5Page - Linear Technology LTC4095 Datasheet HTML 6Page - Linear Technology LTC4095 Datasheet HTML 7Page - Linear Technology LTC4095 Datasheet HTML 8Page - Linear Technology LTC4095 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4095
2
4095fa
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (IN)
t < 1ms and Duty Cycle < 1% .................. –0.3V to 7V
Steady State............................................. –0.3V to 6V
BAT, SUSP, ⎯C⎯H⎯R⎯G Voltage............................ –0.3V to 6V
PROG, NTC, HPWR
Voltage............................ –0.3V to Max (IN, BAT) + 0.3V
IBAT .............................................................................1A
IPROG...................................................................1.25mA
I⎯C⎯H⎯R⎯G......................................................................50mA
Junction Temperature ........................................... 125°C
Operating Temperature Range ................. –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
(Notes 1, 2, 3)
TOP VIEW
BAT
GND
CHRG
SUSP
IN
PROG
NTC
HPWR
DC PACKAGE
8-LEAD (2mm
× 2mm) PLASTIC DFN
9
4
1
2
3
6
5
7
8
TJMAX = 125°C, θJA = 60°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
ORDER PART NUMBER
DC PART MARKING
LTC4095EDC
LCLG
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. IN = HPWR = 5V, BAT = 3.8V, NTC = SUSP = 0V, RPROG = 1.74k unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Battery Charger
IN
Input Supply Voltage
●
4.3
5.5
V
IIN
Battery Charger Quiescent Current
(Note 4)
Standby Mode; Charger Terminated
Suspend Mode; SUSP = 5V
200
8.5
400
17
µA
µA
VFLOAT
BAT Regulated Output Voltage
0°C ≤ TA ≤ 85°C
4.179
4.165
4.200
4.200
4.221
4.235
V
V
ICHG
Constant-Current Mode Charge Current
HPWR = 5V
HPWR = 0V
●
440
84
460
92
500
100
mA
mA
IBAT
Battery Drain Current
Standby Mode; Charger Terminated
Shutdown Mode; IN < VUVLO, BAT = 4.2V
Suspend Mode; SUSP = 5V, BAT = 4.2V
–3.5
–2.0
–1.3
–7
–4
–3
µA
µA
µA
VUVLO
Undervoltage Lockout Threshold
BAT = 3.5V, IN Rising
3.875
4.0
4.125
V
ΔVUVLO
Undervoltage Lockout Hystersis
BAT = 3.5V
200
mV
VDUVLO
Differential Undervoltage Lockout
Threshold
BAT = 4.05V, (IN – BAT), IN Falling
25
40
60
mV
ΔVDUVLO
Differential Undervoltage Lockout
Hysteresis
BAT = 4.05V
125
mV
PROG
PROG Pin Servo Voltage
HPWR = 5V
HPWR = 0V
BAT < VTRKL
1.000
0.200
0.100
V
V
V
hPROG
Ratio of IBAT to PROG Pin Current
800
mA/mA
ITRKL
Trickle Charge Current
BAT < VTRKL
37
46
55
mA
VTRKL
Trickle Charge Threshold Voltage
BAT Rising
2.8
2.9
3.0
V
ΔVTRKL
Trickle Charge Hysteresis Voltage
100
mV
ΔVRECHRG
Recharge Battery Threshold Voltage
Threshold Voltage Relative to VFLOAT
–75
–95
–115
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com