Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4097 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4097
Description  USB/Wall Adapter Standalone Li-Ion/Polymer Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4097 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4097 Datasheet HTML 10Page - Linear Technology LTC4097 Datasheet HTML 11Page - Linear Technology LTC4097 Datasheet HTML 12Page - Linear Technology LTC4097 Datasheet HTML 13Page - Linear Technology LTC4097 Datasheet HTML 14Page - Linear Technology LTC4097 Datasheet HTML 15Page - Linear Technology LTC4097 Datasheet HTML 16Page - Linear Technology LTC4097 Datasheet HTML 17Page - Linear Technology LTC4097 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC4097
14
4097f
OPERATION
TRICKLE CHARGE
MODE
1/10th FULL CURRENT
CHRG STATE: PULLDOWN
SHUTDOWN
MODE
IUSBIN DROPS TO 20µA
CHRG STATE: Hi-Z
CHARGE
MODE
FULL CURRENT
CHRG STATE: PULLDOWN
CHARGE
MODE
FULL CURRENT
⇒HPWR = HIGH
1/5 FULL CURRENT
⇒HPWR = LOW
CHRG STATE: PULLDOWN
STANDBY
MODE
NO CHARGE CURRENT
CHRG STATE: Hi-Z
SHUTDOWN
MODE
IDCIN DROPS TO 20µA
CHRG STATE: Hi-Z
BAT > 2.9V
BAT < 2.9V
BAT < 2.9V
2.9V < BAT
2.9V < BAT
BAT > 2.9V
BAT < 4.1V
BAT < 4.1V
IBAT < ITERMINATE
IN VOLTAGE MODE
IBAT < ITERMINATE
IN VOLTAGE MODE
POWER SELECTION
STANDBY
MODE
NO CHARGE CURRENT
CHRG STATE: Hi-Z
TRICKLE CHARGE
MODE
1/10th FULL CURRENT
CHRG STATE: PULLDOWN
SUSP
DRIVEN HIGH
SUSP
DRIVEN LOW
SUSP
DRIVEN HIGH
DCIN POWER
REMOVED
DCIN POWER
REMOVED
USBIN POWER
REMOVED OR
DCIN POWER
APPLIED
USBIN POWER
REMOVED OR
DCIN POWER
APPLIED
DCIN POWER APPLIED
ONLY USB POWER APPLIED
STARTUP
4097 F01
SUSP
DRIVEN LOW
Figure 1. LTC4097 State Diagram of a Charge Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com