Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4097 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4097
Description  USB/Wall Adapter Standalone Li-Ion/Polymer Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4097 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4097 Datasheet HTML 12Page - Linear Technology LTC4097 Datasheet HTML 13Page - Linear Technology LTC4097 Datasheet HTML 14Page - Linear Technology LTC4097 Datasheet HTML 15Page - Linear Technology LTC4097 Datasheet HTML 16Page - Linear Technology LTC4097 Datasheet HTML 17Page - Linear Technology LTC4097 Datasheet HTML 18Page - Linear Technology LTC4097 Datasheet HTML 19Page - Linear Technology LTC4097 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC4097
18
4097f
APPLICATIONS INFORMATION
the nearest 1% value is 105k.
R1 = 0.536 • 105k – 0.4368 • 100k = 12.6k
the nearest 1% value is 12.7k. The final solution is shown
in Figure 5 and results in an upper trip point of 45°C and
a lower trip point of 0°C.
Protecting the USB Pin and Wall Adapter Input from
Overvoltage Transients
Caution must be exercised when using ceramic capaci-
tors to bypass the USBIN or the wall adapter inputs. High
voltage transients can be generated when the USB or wall
adapter is hot plugged. When power is supplied via the
USB bus or wall adapter, the cable inductance along with
the self resonant and high Q characteristics of ceramic
capacitors can cause substantial ringing which could
exceed the maximum voltage ratings and damage the
LTC4097. Refer to Linear Technology Application Note 88,
entitled “Ceramic Input Capacitors Can Cause Overvoltage
Transients” for a detailed discussion of this problem.
Always use an oscilloscope to check the voltage wave-
forms at the USBIN and DCIN pins during USB and wall
adapter hot-plug events to ensure that overvoltage
transients have been adequately removed.
Reverse Polarity Input Voltage Protection
In some applications, protection from reverse polarity
voltage on the input supply pins is desired. If the sup-
ply voltage is high enough, a series blocking diode can
be used. In other cases where the voltage drop must be
kept low, a P-channel MOSFET can be used (as shown in
Figure 6).
WALL
ADAPTER
DCIN
LTC4097
DRAIN-BULK
DIODE OF FET
4097 F06
Figure 6. Low Loss Input Reverse Polarity Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com