Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4098 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4098
Description  USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4098 Datasheet(HTML) 2 Page - Linear Technology

  LTC4098 Datasheet HTML 1Page - Linear Technology LTC4098 Datasheet HTML 2Page - Linear Technology LTC4098 Datasheet HTML 3Page - Linear Technology LTC4098 Datasheet HTML 4Page - Linear Technology LTC4098 Datasheet HTML 5Page - Linear Technology LTC4098 Datasheet HTML 6Page - Linear Technology LTC4098 Datasheet HTML 7Page - Linear Technology LTC4098 Datasheet HTML 8Page - Linear Technology LTC4098 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC4098/LTC4098-1
2
40981fb
ELECTRICAL CHARACTERISTICS
VBUS, WALL (Transient) t < 1ms,
Duty Cycle < 1% .......................................... –0.3V to 7V
VBUS, WALL (Static), BAT, BATSENS,
CHRG, NTC, ................................................. –0.3V to 6V
D0, D1, D2 .........–0.3V to Max (VBUS, VOUT, BAT) + 0.3V
IOVSENS.................................................................±10mA
ICLPROG ....................................................................3mA
IPROG........................................................................2mA
ICHRG......................................................................50mA
IVOUT, ISW, IBAT............................................................2A
IACPR ......................................................................10mA
Operating Temperature Range.................. –40°C to 85°C
Junction Temperature ........................................... 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, BAT = 3.8V, RCLPROG = 3.01k, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Power Supply
VBUS
Input Supply Voltage
l
4.35
5.5
V
IVBUS(LIM)
Total Input Current
1x Mode
5x Mode
10x Mode
Low Power Suspend Mode
High Power Suspend Mode
l
l
l
l
l
92
445
815
0.32
1.6
97
473
883
0.39
2.05
100
500
1000
0.5
2.5
mA
mA
mA
mA
mA
IVBUSQ (Note 4)
Input Quiescent Current
1x Mode
5x Mode
10x Mode
Low Power Suspend Mode
High Power Suspend Mode
6
15
15
0.042
0.042
mA
mA
mA
mA
mA
hCLPROG (Note 4) Ratio of Measured VBUS Current to
CLPROG Program Current
1x Mode
5x Mode
10x Mode
Low Power Suspend Mode
High Power Suspend Mode
230
1164
2210
11.6
60
mA/mA
mA/mA
mA/mA
mA/mA
mA/mA
PIN CONFIGURATION
20 19 18 17
7
8
TOP VIEW
21
PDC PACKAGE
20-LEAD (3mm
4mm) PLASTIC UTQFN
9
10
6
5
4
3
2
1
11
12
13
14
15
16
OVSENS
OVGATE
CLPROG
NTCBIAS
NTC
BATSENS
D1
D0
SW
VBUS
VOUT
BAT
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4098EPDC#PBF
LTC4098EPDC#TRPBF
DDVT
20-Lead (3mm
× 4mm) Plastic UTQFN
–40°C to 85°C
LTC4098EPDC-1#PBF
LTC4098EPDC-1#TRPBF
DSZT
20-Lead (3mm
× 4mm) Plastic UTQFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com