Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4098 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4098
Description  USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4098 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4098 Datasheet HTML 17Page - Linear Technology LTC4098 Datasheet HTML 18Page - Linear Technology LTC4098 Datasheet HTML 19Page - Linear Technology LTC4098 Datasheet HTML 20Page - Linear Technology LTC4098 Datasheet HTML 21Page - Linear Technology LTC4098 Datasheet HTML 22Page - Linear Technology LTC4098 Datasheet HTML 23Page - Linear Technology LTC4098 Datasheet HTML 24Page - Linear Technology LTC4098 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC4098/LTC4098-1
21
40981fb
CLEAR EVENT TIMER
NTC OUT OF RANGE
CHRG CURRENTLY
Hi-Z
INDICATE
NTC FAULT
AT CHRG
BATTERY STATE
CHARGE AT
1030V/RPROG RATE
PAUSE EVENT TIMER
PAUSE EVENT TIMER
CHARGE WITH
FIXED VOLTAGE
(VFLOAT)
RUN EVENT TIMER
CHARGE AT
100V/RPROG (C/10 RATE)
RUN EVENT TIMER
ASSERT CHRG LOW
POWER ON/
ENABLE CHARGER
TIMER > 30 MINUTES
TIMER > 4 HOURS
BAT > 2.85V
BAT < VRECHRG
IBAT < C/10
NO
NO
YES
YES
YES
YES
YES
YES
NO
NO
BAT > VFLOAT –
BAT < 2.85V
2.85V < BAT < VFLOAT –
NO
NO
NO
NO
INHIBIT CHARGING
STOP CHARGING
INDICATE BATTERY
FAULT AT CHRG
BAT RISING
THROUGH
VRECHRG
BAT FALLING
THROUGH
VRECHRG
CHRG HIGH-Z
CHRG Hi-Z
40981 F06
NO
YES
YES
INHIBIT CHARGING
YES
Figure 6. Battery Charger State Diagram
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com