Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2014H Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2014H
Description  Low-Cost NiCd/NiMH Gas Gauge IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2014H Datasheet(HTML) 1 Page - Texas Instruments

  BQ2014H Datasheet HTML 1Page - Texas Instruments BQ2014H Datasheet HTML 2Page - Texas Instruments BQ2014H Datasheet HTML 3Page - Texas Instruments BQ2014H Datasheet HTML 4Page - Texas Instruments BQ2014H Datasheet HTML 5Page - Texas Instruments BQ2014H Datasheet HTML 6Page - Texas Instruments BQ2014H Datasheet HTML 7Page - Texas Instruments BQ2014H Datasheet HTML 8Page - Texas Instruments BQ2014H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Features
➤ Accurate measurement of avail-
able capacity in NiCd or NiMH
batteries
➤ Low-cost battery management so-
lution for pack integration
- As little as 1
2 square inch of
PCB for complete circuit
- Low operating current (120µA
typical)
- Less than 100nA of data
retention current
➤ High-speed (5kb/s) single-wire
communication interface (HDQ
bus) for critical battery
parameters
➤ Communication with an external
charge controller such as the
bq2004
➤ Direct drive of remaining capacity
LEDs
➤ Automatic rate and temperature
compensation of measurements
➤ 16-pin narrow SOIC
General Description
The bq2014H NiCd/NiMH Gas
Gauge IC is intended for battery-
pack or in-system installation to
maintain an accurate record of
available battery capacity. The IC
monitors a voltage drop across a
sense resistor connected in series
between the negative battery termi-
nal and ground to determine
charge and discharge activity of
the battery. Compensations for bat-
tery temperature, self-discharge,
and rate of discharge are applied to
the charge counter to provide avail-
able capacity information across a
wide range of operating conditions.
Battery capacity is automatically re-
calibrated, or “learned,” in the
course of a discharge cycle from full
to empty.
Nominal available capacity may be
directly indicated using a five-
segment LED display. The bq2014H
also supports a simple single-line
bidirectional serial link to an exter-
nal processor (common ground). The
5kb/s HDQ bus interface reduces
communications overhead in the
external microcontroller.
Internal registers include available
capacity and energy, temperature,
voltage and current, and battery
status. The external processor may
also overwrite some of the bq2014H
gas gauge data registers.
The bq2014H can operate from the
batteries in the pack. The REF out-
put and an external transistor allow
a simple, inexpensive voltage regu-
lator to supply power to the circuit
from the cells.
1
Preliminary
bq2014H
LCOM
LED common output
SEG1/PROG1 LED segment 1/
program 1 input
SEG2/PROG2 LED segment 2/
program 2 input
SEG3/PROG3 LED segment 3/
program 3 input
SEG4/PROG4 LED segment 4/
program 4 input
SEG5/PROG5 LED segment 5/
program 5 input
DONE
Charge complete
input
1
PN20140H..eps
16-Pin Narrow SOIC
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LCOM
SEG1/PROG1
SEG2/PROG2
SEG3/PROG3
SEG4/PROG4
SEG5/PROG5
DONE
VSS
VCC
REF
NC
HDQ
RBI
SB
DISP
SR
VSS
System ground
SR
Sense resistor input
DISP
Display control input
SB
Battery sense input
RBI
Register backup input
HDQ
Serial communications
input/output
NC
No connect
REF
Voltage reference output
VCC
Supply voltage
Pin Connections
SLUS030–JUNE 1999
Low-Cost NiCd/NiMH Gas Gauge IC
Pin Names


Similar Part No. - BQ2014H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2014H TI1-BQ2014H Datasheet
842Kb / 28P
Low-Cost NiCd/NiMH Gas Gauge IC
BQ2014H TI2-BQ2014H Datasheet
371Kb / 28P
Low-Cost NiCd/NiMH Gas Gauge IC
REVISED OCTOBER 2003
BQ2014HSN TI1-BQ2014HSN Datasheet
842Kb / 28P
Low-Cost NiCd/NiMH Gas Gauge IC
BQ2014HSN TI2-BQ2014HSN Datasheet
371Kb / 28P
Low-Cost NiCd/NiMH Gas Gauge IC
REVISED OCTOBER 2003
BQ2014HSN.B TI2-BQ2014HSN.B Datasheet
371Kb / 28P
Low-Cost NiCd/NiMH Gas Gauge IC
REVISED OCTOBER 2003
More results

Similar Description - BQ2014H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
NiCd/NiMH Fast-Charge Management IC
9/97
BQ2110 TI-BQ2110 Datasheet
770Kb / 8P
NiCd or NiMH Gas Gauge Module
BQ2112 TI-BQ2112 Datasheet
749Kb / 7P
NiCd or NiMH Gas Gauge Module with Slow-Charge Control
BQ2114 TI-BQ2114 Datasheet
659Kb / 7P
NiCd or NiMH Gas Gauge Module with Charge-Control Output
BQ2164 TI-BQ2164 Datasheet
143Kb / 7P
NiCd or NiMH Gas Gauge Module with Fast-Charge Control
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
NiCd/NiMH Fast-Charge Management IC
BQ2014H TI1-BQ2014H_15 Datasheet
842Kb / 28P
Low-Cost NiCd/NiMH Gas Gauge IC
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
Gas Gauge IC
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401 TI1-BQ24401_15 Datasheet
1Mb / 27P
Programmable NiCd/NiMH Fast-Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com